Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC560P40L3 Datasheet(PDF) 26 Page - STMicroelectronics

Part # SPC560P40L3
Description  Programmable watchdog timer
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560P40L3 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button SPC560P40L3 Datasheet HTML 22Page - STMicroelectronics SPC560P40L3 Datasheet HTML 23Page - STMicroelectronics SPC560P40L3 Datasheet HTML 24Page - STMicroelectronics SPC560P40L3 Datasheet HTML 25Page - STMicroelectronics SPC560P40L3 Datasheet HTML 26Page - STMicroelectronics SPC560P40L3 Datasheet HTML 27Page - STMicroelectronics SPC560P40L3 Datasheet HTML 28Page - STMicroelectronics SPC560P40L3 Datasheet HTML 29Page - STMicroelectronics SPC560P40L3 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 103 page
background image
Introduction
SPC560P34L1, SPC560P34L3, SPC560P40L1, SPC560P40L3
26/103
Doc ID 16100 Rev 7
Digital part:
●
16 input channels
●
4 analog watchdogs comparing ADC results against predefined levels (low, high,
range) before results are stored in the appropriate ADC result location
●
2 modes of operation: Motor Control mode or Regular mode
●
Regular mode features
–
Register based interface with the CPU: control register, status register and 1 result
register per channel
–
ADC state machine managing 3 request flows: regular command, hardware
injected command and software injected command
–
Selectable priority between software and hardware injected commands
–
DMA compatible interface
●
CTU-controlled mode features
–
Triggered mode only
–
4 independent result queues (1×16 entries, 2×8 entries, 1×4 entries)
–
Result alignment circuitry (left justified and right justified)
–
32-bit read mode allows to have channel ID on one of the 16-bit part
–
DMA compatible interfaces
1.5.27
Cross triggering unit (CTU)
The cross triggering unit allows automatic generation of ADC conversion requests on user
selected conditions without CPU load during the PWM period and with minimized CPU load
for dynamic configuration.
It implements the following features:
●
Double buffered trigger generation unit with up to 8 independent triggers generated
from external triggers
●
Trigger generation unit configurable in sequential mode or in triggered mode
●
Each trigger can be appropriately delayed to compensate the delay of external low
pass filter
●
Double buffered global trigger unit allowing eTimer synchronization and/or ADC
command generation
●
Double buffered ADC command list pointers to minimize ADC-trigger unit update
●
Double buffered ADC conversion command list with up to 24 ADC commands
●
Each trigger capable of generating consecutive commands
●
ADC conversion command allows to control ADC channel, single or synchronous
sampling, independent result queue selection
1.5.28
Nexus Development Interface (NDI)
The NDI (Nexus Development Interface) block is compliant with Nexus Class 1 of the IEEE-
ISTO 5001-2003 standard. This development support is supplied for MCUs without requiring
external address and data pins for internal visibility. The NDI block is an integration of
several individual Nexus blocks that are selected to provide the development support
interface for this device. The NDI block interfaces to the host processor and internal busses
to provide development support as per the IEEE-ISTO 5001-2003 Nexus Class 1 standard.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com