Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC560P40L3 Datasheet(PDF) 46 Page - STMicroelectronics

Part # SPC560P40L3
Description  Programmable watchdog timer
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560P40L3 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button SPC560P40L3 Datasheet HTML 42Page - STMicroelectronics SPC560P40L3 Datasheet HTML 43Page - STMicroelectronics SPC560P40L3 Datasheet HTML 44Page - STMicroelectronics SPC560P40L3 Datasheet HTML 45Page - STMicroelectronics SPC560P40L3 Datasheet HTML 46Page - STMicroelectronics SPC560P40L3 Datasheet HTML 47Page - STMicroelectronics SPC560P40L3 Datasheet HTML 48Page - STMicroelectronics SPC560P40L3 Datasheet HTML 49Page - STMicroelectronics SPC560P40L3 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 103 page
background image
Electrical characteristics
SPC560P34L1, SPC560P34L3, SPC560P40L1, SPC560P40L3
46/103
Doc ID 16100 Rev 7
3.3
Absolute maximum ratings
Table 9.
Absolute maximum ratings(1)
Symbol
Parameter
Conditions
Value
Unit
Min
Max(2)
VSS
S
R
Device ground
—
0
0
V
VDD_HV_IOx
(3)
S
R
3.3 V/5.0 V input/output supply
voltage (supply).
Code flash memory supply with
VDD_HV_IO3 and data flash memory
with VDD_HV_IO2
—
–0.3
6.0
V
VSS_HV_IOx
S
R
3.3 V/5.0 V input/output supply
voltage (ground).
Code flash memory ground with
VSS_HV_IO3 and data flash memory
with VSS_HV_IO2
—
–0.1
0.1
V
VDD_HV_OSC
S
R
3.3 V/5.0 V crystal oscillator amplifier
supply voltage (supply)
—
–0.3
6.0
V
Relative to
VDD_HV_IOx
–0.3
VDD_HV_IOx +0.3
VSS_HV_OSC
S
R
3.3 V/5.0 V crystal oscillator amplifier
supply voltage (ground)
—
–0.1
0.1
V
VDD_HV_ADC0
S
R
3.3 V/5.0 V ADC_0 supply and high-
reference voltage
VDD_HV_REG
< 2.7 V
–0.3
VDD_HV_REG +0.3
V
VDD_HV_REG
> 2.7 V
–0.3
6.0
VSS_HV_ADC0
S
R
3.3 V/5.0 V ADC_0 ground and low-
reference voltage
—
–0.1
0.1
V
VDD_HV_REG
S
R
3.3 V/5.0 V voltage-regulator supply
voltage
—
–0.3
6.0
V
Relative to
VDD_HV_IOx
–0.3
VDD_HV_IOx +0.3
TVDD
S
R
Slope characteristics on all VDD
during power up(4) with respect to
ground (VSS)
—3.0(5)
500 x 103
(0.5 [V/µs])
V/s
VDD_LV_CORx
C
C
1.2 V supply pins for core logic
(supply)
—
–0.1
1.5
V
VSS_LV_CORx
S
R
1.2 V supply pins for core logic
(ground)
—
–0.1
0.1
V
VIN
S
R
Voltage on any pin with respect to
ground (VSS_HV_IOx)
—
–0.3
6.0
V
Relative to
VDD_HV_IOx
–0.3
VDD_HV_IOx +0.3
(6)
IINJPAD
S
R
Input current on any pin during
overload condition
—
–10
10
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com