| Electronic Components Datasheet Search |
|
SPC560P40L3 Datasheet(PDF) 44 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC560P40L3 Datasheet(HTML) 44 Page - STMicroelectronics |
|
44 / 103 page ![]() Package pinouts and signal descriptions SPC560P34L1, SPC560P34L3, SPC560P40L1, 44/103 Doc ID 16100 Rev 7 E[4] PCR[68] ALT0 ALT1 ALT2 ALT3 — GPIO[68] — — — AN[7] SIUL — — — ADC_0 Input only — — — 44 E[5] PCR[69] ALT0 ALT1 ALT2 ALT3 — GPIO[69] — — — AN[8] SIUL — — — ADC_0 Input only — — — 43 E[6] PCR[70] ALT0 ALT1 ALT2 ALT3 — GPIO[70] — — — AN[9] SIUL — — — ADC_0 Input only — — — 45 E[7] PCR[71] ALT0 ALT1 ALT2 ALT3 — GPIO[71] — — — AN[10] SIUL — — — ADC_0 Input only — — — 41 1. ALT0 is the primary (default) function for each port after reset. 2. Alternate functions are chosen by setting the values of the PCR.PA bitfields inside the SIU module. PCR.PA = 00 → ALT0; PCR.PA = 01 → ALT1; PCR.PA = 10 → ALT2; PCR.PA = 11 → ALT3. This is intended to select the output functions; to use one of the input functions, the PCR.IBE bit must be written to ‘1’, regardless of the values selected in the PCR.PA bitfields. For this reason, the value corresponding to an input only function is reported as “—”. 3. Module included on the MCU. 4. Multiple inputs are routed to all respective modules internally. The input of some modules must be configured by setting the values of the PSMIO.PADSELx bitfields inside the SIUL module. 5. Programmable via the SRC (Slew Rate Control) bits in the respective Pad Configuration Register. 6. ADC0.AN emulates ADC1.AN. This feature is used to provide software compatibility between SPC560P34/SPC560P40 and SPC560P50. Refer to ADC chapter of reference manual for more details. Table 7. Pin muxing (continued) Port pin PCR register Alternate function(1),(2) Functions Peripheral(3) I/O direc- tion(4) Pad speed(5) Pin SRC = 0 SRC = 1 64-pin 100-pin |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |