Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC560P50L5 Datasheet(PDF) 93 Page - STMicroelectronics

Part # SPC560P50L5
Description  Fail safe protection
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560P50L5 Datasheet(HTML) 93 Page - STMicroelectronics

Back Button SPC560P50L5 Datasheet HTML 89Page - STMicroelectronics SPC560P50L5 Datasheet HTML 90Page - STMicroelectronics SPC560P50L5 Datasheet HTML 91Page - STMicroelectronics SPC560P50L5 Datasheet HTML 92Page - STMicroelectronics SPC560P50L5 Datasheet HTML 93Page - STMicroelectronics SPC560P50L5 Datasheet HTML 94Page - STMicroelectronics SPC560P50L5 Datasheet HTML 95Page - STMicroelectronics SPC560P50L5 Datasheet HTML 96Page - STMicroelectronics SPC560P50L5 Datasheet HTML 97Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 112 page
background image
SPC560P44Lx, SPC560P50Lx
Electrical characteristics
Doc ID 14723 Rev 9
93/112
Figure 25.
Nexus output timing
Figure 26.
Nexus event trigger and test clock timings
6
tNTDIS
CC
D
TDI data setup time
6
—
—
ns
tNTMSS
CC
D
TMS data setup time
6
—
—
ns
7
tNTDIH
CC
D
TDI data hold time
10
—
—
ns
tNTMSH
CC
D
TMS data hold time
10
—
—
ns
8tTDOV
CC
D
TCK low to TDO data valid
—
—
35
ns
9tTDOI
CC
D
TCK low to TDO data invalid
6
—
—
ns
1.
All Nexus timing relative to MCKO is measured from 50% of MCKO and 50% of the respective signal.
2.
MDO, MSEO, and EVTO data is held valid until next MCKO low cycle.
3.
Lower frequency is required to be fully compliant to standard.
Table 40.
Nexus debug port timing(1) (continued)
No.
Symbol
C
Parameter
Value
Unit
Min
Typ
Max
1
3
4
MCKO
MDO
MSEO
EVTO
Output Data Valid
2
TCK
5
EVTI
EVTO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com