Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC560P50L5 Datasheet(PDF) 32 Page - STMicroelectronics

Part # SPC560P50L5
Description  Fail safe protection
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560P50L5 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button SPC560P50L5 Datasheet HTML 28Page - STMicroelectronics SPC560P50L5 Datasheet HTML 29Page - STMicroelectronics SPC560P50L5 Datasheet HTML 30Page - STMicroelectronics SPC560P50L5 Datasheet HTML 31Page - STMicroelectronics SPC560P50L5 Datasheet HTML 32Page - STMicroelectronics SPC560P50L5 Datasheet HTML 33Page - STMicroelectronics SPC560P50L5 Datasheet HTML 34Page - STMicroelectronics SPC560P50L5 Datasheet HTML 35Page - STMicroelectronics SPC560P50L5 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 112 page
background image
Package pinouts and signal descriptions
SPC560P44Lx, SPC560P50Lx
32/112
Doc ID 14723 Rev 9
Table 5.
Supply pins
Supply
Pin
Symbol
Description
100-pin
144-pin
VREG control and power supply pins. Pins available on 100-pin and 144-pin package.
BCTRL
Voltage regulator external NPN ballast base control pin
47
69
VDD_HV_REG (3.3 V
or 5.0 V)
Voltage regulator supply voltage
50
72
VDD_LV_REGCOR
1.2 V decoupling pins for core logic and regulator feedback.
Decoupling capacitor must be connected between this pins
and VSS_LV_REGCOR.
48
70
VSS_LV_REGCOR
1.2 V decoupling pins for core logic and regulator feedback.
Decoupling capacitor must be connected between this pins
and VDD_LV_REGCOR.
49
71
ADC_0/ADC_1 reference and supply voltage. Pins available on 100-pin and 144-pin package.
VDD_HV_ADC0
(1)
ADC_0 supply and high reference voltage
33
50
VSS_HV_ADC0
ADC_0 ground and low reference voltage
34
51
VDD_HV_ADC1
ADC_1 supply and high reference voltage
39
56
VSS_HV_ADC1
ADC_1 ground and low reference voltage
40
57
Power supply pins (3.3 V or 5.0 V). All pins available on 144-pin package.
Five pairs (VDD; VSS) available on 100-pin package.
VDD_HV_IO0
(2)
Input/Output supply voltage
—
6
VSS_HV_IO0
(2)
Input/Output ground
—
7
VDD_HV_IO1
Input/Output supply voltage
13
21
VSS_HV_IO1
Input/Output ground
14
22
VDD_HV_IO2
Input/Output supply voltage
63
91
VSS_HV_IO2
Input/Output ground
62
90
VDD_HV_IO3
Input/Output supply voltage
87
126
VSS_HV_IO3
Input/Output ground
88
127
VDD_HV_FL
Code and data flash supply voltage
69
97
VSS_HV_FL
Code and data flash supply ground
68
96
VDD_HV_OSC
Crystal oscillator amplifier supply voltage
16
27
VSS_HV_OSC
Crystal oscillator amplifier ground
17
28
Power supply pins (1.2 V). All pins available on 100-pin and 144-pin package.
VDD_LV_COR0
1.2 V Decoupling pins for core logic. Decoupling capacitor
must be connected between these pins and the nearest
VSS_LV_COR pin.
12
18
VSS_LV_COR0
1.2 V Decoupling pins for core logic. Decoupling capacitor
must be connected between these pins and the nearest
VDD_LV_COR pin.
11
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com