Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC560P50L5 Datasheet(PDF) 51 Page - STMicroelectronics

Part # SPC560P50L5
Description  Fail safe protection
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560P50L5 Datasheet(HTML) 51 Page - STMicroelectronics

Back Button SPC560P50L5 Datasheet HTML 47Page - STMicroelectronics SPC560P50L5 Datasheet HTML 48Page - STMicroelectronics SPC560P50L5 Datasheet HTML 49Page - STMicroelectronics SPC560P50L5 Datasheet HTML 50Page - STMicroelectronics SPC560P50L5 Datasheet HTML 51Page - STMicroelectronics SPC560P50L5 Datasheet HTML 52Page - STMicroelectronics SPC560P50L5 Datasheet HTML 53Page - STMicroelectronics SPC560P50L5 Datasheet HTML 54Page - STMicroelectronics SPC560P50L5 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 112 page
background image
SPC560P44Lx, SPC560P50Lx
Electrical characteristics
Doc ID 14723 Rev 9
51/112
Figure 5 shows the constraints of the different power supplies.
VINAN0
SR
ADC0 and shared ADC0/1 analog
input voltage(6)
VDD_HV_REG >
2.7 V
VSS_HV_ADV0 −
0.3
VDD_HV_ADV0 +
0.3
V
VDD_HV_REG <
2.7 V
VSS_HV_ADV0
VDD_HV_ADV0
V
VINAN1
SR ADC1 analog input voltage(7)
VDD_HV_REG >
2.7 V
VSS_HV_ADV1 −
0.3
VDD_HV_ADV1 +
0.3
V
VDD_HV_REG <
2.7 V
VSS_HV_ADV1
VDD_HV_ADV1
V
IINJPAD
SR
Injected input current on any pin
during overload condition
—–10
10
mA
IINJSUM
SR
Absolute sum of all injected input
currents during overload condition
—–50
50
mA
IVDD_LV
SR
Low voltage static current sink
through VDD_LV
——
155
mA
TSTG
SR Storage temperature
—
–55
150
°C
TJ
SR Junction temperature under bias
—
–40
150
°C
1.
Functional operating conditions are given in the DC electrical characteristics. Absolute maximum ratings are stress ratings
only, and functional operation at the maxima is not guaranteed. Stress beyond the listed maxima may affect device
reliability or cause permanent damage to the device.
2.
Absolute maximum voltages are currently maximum burn-in voltages. Absolute maximum specifications for device stress
have not yet been determined.
3.
The difference between each couple of voltage supplies must be less than 300 mV,
|VDD_HV_IOy – VDD_HV_IOx | < 300 mV.
4.
The difference between ADC voltage supplies must be less than 100 mV, |VDD_HV_ADC1 – VDD_HV_ADC0| < 100 mV.
5.
Guaranteed by device validation
6.
Not allowed to refer this voltage to VDD_HV_ADV1, VSS_HV_ADV1
7.
Not allowed to refer this voltage to VDD_HV_ADV0, VSS_HV_ADV0
Table 9.
Absolute maximum ratings(1) (continued)
Symbol
Parameter
Conditions
Value
Unit
Min
Max(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com