Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC560P50L5 Datasheet(PDF) 25 Page - STMicroelectronics

Part # SPC560P50L5
Description  Fail safe protection
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560P50L5 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button SPC560P50L5 Datasheet HTML 21Page - STMicroelectronics SPC560P50L5 Datasheet HTML 22Page - STMicroelectronics SPC560P50L5 Datasheet HTML 23Page - STMicroelectronics SPC560P50L5 Datasheet HTML 24Page - STMicroelectronics SPC560P50L5 Datasheet HTML 25Page - STMicroelectronics SPC560P50L5 Datasheet HTML 26Page - STMicroelectronics SPC560P50L5 Datasheet HTML 27Page - STMicroelectronics SPC560P50L5 Datasheet HTML 28Page - STMicroelectronics SPC560P50L5 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 112 page
background image
SPC560P44Lx, SPC560P50Lx
Introduction
Doc ID 14723 Rev 9
25/112
1.5.26
eTimer
The SPC560P44Lx, SPC560P50Lx includes two eTimer modules. Each module provides
six 16-bit general purpose up/down timer/counter units with the following features:
●
Maximum operating clock frequency of 120 MHz
●
Individual channel capability
–
Input capture trigger
–
Output compare
–
Double buffer (to capture rising edge and falling edge)
–
Separate prescaler for each counter
–
Selectable clock source
–
0–100% pulse measurement
–
Rotation direction flag (Quad decoder mode)
●
Maximum count rate
–
External event counting: max. count rate = peripheral clock/2
–
Internal clock counting: max. count rate = peripheral clock
●
Counters are:
–
Cascadable
–
Preloadable
●
Programmable count modulo
●
Quadrature decode capabilities
●
Counters can share available input pins
●
Count once or repeatedly
●
Pins available as GPIO when timer functionality not in use
1.5.27
Analog-to-digital converter (ADC) module
The ADC module provides the following features:
Analog part:
●
2 on-chip AD converters
–
10-bit AD resolution
–
1 sample and hold unit per ADC
–
Conversion time, including sampling time, less than 1 µs (at full precision)
–
Typical sampling time is 150 ns min. (at full precision)
–
Differential non-linearity error (DNL) ±1 LSB
–
Integral non-linearity error (INL) ±1.5 LSB
–TUE <3 LSB
–
Single-ended input signal up to 5.0 V
–
The ADC and its reference can be supplied with a voltage independent from VDDIO
–
The ADC supply can be equal or higher than VDDIO
–
The ADC supply and the ADC reference are not independent from each other
(they are internally bonded to the same pad)
–
Sample times of 2 (default), 8, 64, or 128 ADC clock cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com