Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRC0CS25D Datasheet(PDF) 10 Page - STMicroelectronics

Part # SRC0CS25D
Description  Power-up duration determined primarily by push-button press
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRC0CS25D Datasheet(HTML) 10 Page - STMicroelectronics

Back Button SRC0CS25D Datasheet HTML 6Page - STMicroelectronics SRC0CS25D Datasheet HTML 7Page - STMicroelectronics SRC0CS25D Datasheet HTML 8Page - STMicroelectronics SRC0CS25D Datasheet HTML 9Page - STMicroelectronics SRC0CS25D Datasheet HTML 10Page - STMicroelectronics SRC0CS25D Datasheet HTML 11Page - STMicroelectronics SRC0CS25D Datasheet HTML 12Page - STMicroelectronics SRC0CS25D Datasheet HTML 13Page - STMicroelectronics SRC0CS25D Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
Pin descriptions
SRC0
10/48
DocID026008 Rev 2
PB - power ON switch
This input is equipped with a voltage detector with a factory-trimmed threshold and has
± 8 kV HBM ESD protection.
When the PB button is pressed and held, the battery voltage is detected and EN (or EN) is
asserted if the battery voltage is above the threshold VTH+ during the whole tDEBOUNCE
period (see Figure 13).
A short push of the push-button during normal operation can initiate an interrupt through
debounced INT output (see Figure 14) and a long push of PB and SR simultaneously can
either assert reset output RST (see Figure 18) or deassert the EN or EN output (see
Figure 19) based on the option used.
Note:
A switch to GND must be connected to this input (e.g. mechanical push-button, open drain
output of external circuitry, etc.), see Figure 1. This ensures a proper startup signal on PB
(i.e. a transition from full VCC below specified VIL). PB input has an internal 100 k pull-up
resistor connected.
VCCLO - high threshold detection output
During power-up, VCCLO is low when VCC supply voltage is below the VTH+ threshold. After
successful power-up (i.e. during normal operation) VCCLO is low anytime undervoltage is
detected (see Figure 13).
Output type is active low and open drain by default. Open drain output type requires a pull-
up resistor. A 10 k
 is sufficient in most applications.
VCCLO is floating when SRC0 is in standby mode.
PBOUT - PB input state
If the push-button PB is pressed, the pin stays low during the tDEBOUNCE time period.
If PB is asserted for the entire tDEBOUNCE period, PBOUT will then stay low for at least
tINT_Min. If PB is asserted after tINT_Min expires, PBOUT will return high as soon as PB is
deasserted (see Figure 22). PBOUT ignores PB assertion during an undervoltage condition.
At startup on the SRC0 PBOUT will respond only to the first PB assertion and any other
assertion will be ignored until tON_BLANK expires. This output is active low and open drain by
default. Open drain output type requires a pull-up resistor. A 10 k
 is sufficient in most
applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com