Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRC0CS25D Datasheet(PDF) 13 Page - STMicroelectronics

Part # SRC0CS25D
Description  Power-up duration determined primarily by push-button press
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRC0CS25D Datasheet(HTML) 13 Page - STMicroelectronics

Back Button SRC0CS25D Datasheet HTML 9Page - STMicroelectronics SRC0CS25D Datasheet HTML 10Page - STMicroelectronics SRC0CS25D Datasheet HTML 11Page - STMicroelectronics SRC0CS25D Datasheet HTML 12Page - STMicroelectronics SRC0CS25D Datasheet HTML 13Page - STMicroelectronics SRC0CS25D Datasheet HTML 14Page - STMicroelectronics SRC0CS25D Datasheet HTML 15Page - STMicroelectronics SRC0CS25D Datasheet HTML 16Page - STMicroelectronics SRC0CS25D Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
DocID026008 Rev 2
13/48
SRC0
Operation
48
If the system is not responding and the system hangs, the PB and SR push-button can be
pressed simultaneously longer than tDEBOUNCE + tINT_Min + tSRD, and then
a)
either the reset output RST is asserted for tREC and the processor is reset (valid
only for the device with option “RST asserted by long push”) – see Figure 18
b)
or the power is disabled by EN or EN signal (valid only for the device with option
“EN deasserted by long push”) – see Figure 19
The tSRD is set by the external capacitor connected to the CSRD pin. SR input is monitored
for falling edge after power-up and must not be grounded permanently.
Standby
If the enable output is deasserted (i.e. EN is low or EN is high), the STM660x device enters
standby mode with low current consumption (see Table 5). In standby mode PB input is only
monitored for the falling edge. The external 1.5 V voltage reference is also disabled in
standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com