Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRC0CS25D Datasheet(PDF) 32 Page - STMicroelectronics

Part # SRC0CS25D
Description  Power-up duration determined primarily by push-button press
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRC0CS25D Datasheet(HTML) 32 Page - STMicroelectronics

Back Button SRC0CS25D Datasheet HTML 28Page - STMicroelectronics SRC0CS25D Datasheet HTML 29Page - STMicroelectronics SRC0CS25D Datasheet HTML 30Page - STMicroelectronics SRC0CS25D Datasheet HTML 31Page - STMicroelectronics SRC0CS25D Datasheet HTML 32Page - STMicroelectronics SRC0CS25D Datasheet HTML 33Page - STMicroelectronics SRC0CS25D Datasheet HTML 34Page - STMicroelectronics SRC0CS25D Datasheet HTML 35Page - STMicroelectronics SRC0CS25D Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
Typical operating characteristics
SRC0
32/48
DocID026008 Rev 2
Figure 31. Output low voltage vs. output low current, TA = 25 °C
Note:
Characteristics valid for all the outputs (EN, EN, RST, INT, PBOUT and VCCLO).
Figure 32. Output high voltage vs. output high current, TA = 25 °C
Note:
Characteristics valid for EN and EN outputs.
0.00
0.05
0.10
0.15
0.20
0.25
0.30
012
3
45
Output low current, I
OL (mA)
V
CC=1.6V
V
CC=3.6V
V
CC=5.5V
AM04709v1
0
0.2
0.4
0.6
0.8
00.5
1
1.5
2
Output high current, I
OH
(mA)
V
CC
=1.6V
V
CC
=3.6V
V
CC
=5.5V
AM04710v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com