Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRC0CS25D Datasheet(PDF) 38 Page - STMicroelectronics

Part # SRC0CS25D
Description  Power-up duration determined primarily by push-button press
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRC0CS25D Datasheet(HTML) 38 Page - STMicroelectronics

Back Button SRC0CS25D Datasheet HTML 34Page - STMicroelectronics SRC0CS25D Datasheet HTML 35Page - STMicroelectronics SRC0CS25D Datasheet HTML 36Page - STMicroelectronics SRC0CS25D Datasheet HTML 37Page - STMicroelectronics SRC0CS25D Datasheet HTML 38Page - STMicroelectronics SRC0CS25D Datasheet HTML 39Page - STMicroelectronics SRC0CS25D Datasheet HTML 40Page - STMicroelectronics SRC0CS25D Datasheet HTML 41Page - STMicroelectronics SRC0CS25D Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 48 page
background image
Maximum ratings
SRC0
38/48
DocID026008 Rev 2
6
Maximum ratings
Stressing the device above the rating listed inTable 3 may cause permanent damage to the
device. These are stress ratings only and operation of the device at these or any other
conditions above those indicated in Table 4 of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Table 3. Absolute maximum ratings
Symbol
Parameter
Min.
Max.
Unit
Remarks
VCC
Input supply voltage
–0.3
+7.0
V
Input voltages on PB, SR, PSHOLD and
CSRD
–0.3
VCC + 0.3
V
Output voltages on EN (EN), RST and
INT
–0.3
VCC + 0.3
V
VESD
Electrostatic protection
–2
+2
kV
Human body model (all pins)
–8
+8
kV
Human body model (PB and SR)
VESD
Electrostatic protection
–1000
+1000
V
Charged device model
VESD
Electrostatic protection
–200
+200
V
Machine model
VESD
Point discharge on PB and SR inputs
–8
+8
kV
IEC61000-4-2
VESD
Air discharge on PB and SR inputs
–15
+15
kV
IEC61000-4-2
TA
Operating ambient temperature
–40
+85
°C
TSTG
Storage temperature
–45
+150
°C
TSLD
(1)
Lead solder temperature for 10 seconds
+260
°C
JA
Thermal resistance (junction to ambient)
+132.4
°C/W
1.
Reflow at peak temperature of 260 °C. The time above 255 °C must not exceed 30 seconds.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com