Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8L151K3 Datasheet(PDF) 96 Page - STMicroelectronics

Part # STM8L151K3
Description  Reset and supply management
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151K3 Datasheet(HTML) 96 Page - STMicroelectronics

Back Button STM8L151K3 Datasheet HTML 92Page - STMicroelectronics STM8L151K3 Datasheet HTML 93Page - STMicroelectronics STM8L151K3 Datasheet HTML 94Page - STMicroelectronics STM8L151K3 Datasheet HTML 95Page - STMicroelectronics STM8L151K3 Datasheet HTML 96Page - STMicroelectronics STM8L151K3 Datasheet HTML 97Page - STMicroelectronics STM8L151K3 Datasheet HTML 98Page - STMicroelectronics STM8L151K3 Datasheet HTML 99Page - STMicroelectronics STM8L151K3 Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 122 page
background image
Electrical parameters
STM8L151x2, STM8L151x3
96/122
DocID018780 Rev 9
tS
Sampling time
VAIN on PF0 fast
channel
VDDA < 2.4 V
0.43(4)(5)
--
µs
VAIN on PF0 fast
channel
2.4 V
≤VDDA≤ 3.6 V
0.22(4)(5)
--
µs
VAIN on slow channels
VDDA < 2.4 V
0.86(4)(5)
--
µs
VAIN on slow channels
2.4 V
≤VDDA≤ 3.6 V
0.41(4)(5)
--
µs
tconv
12-bit conversion time
-
12 + tS
1/fADC1
16 MHz
1(4)
µs
tWKUP
Wakeup time from OFF
state
--
-
3
µs
tIDLE(6)
Time before a new
conversion
TA = +25 °C
-
-
1(7)
s
TA = +70 °C
-
-
20(7)
ms
TA = +125 °C
-
-
2(7)
ms
tVREFINT
Internal reference
voltage startup time
--
-
refer to
Table 44
ms
1. The current consumption through VREF is composed of two parameters:
- one constant (max 300 µA)
- one variable (max 400 µA), only during sampling time + 2 first conversion pulses.
So, peak consumption is 300+400 = 700 µA and average consumption is 300 + [(4 sampling + 2) /16] x 400 = 450 µA at
1Msps
2. VREF- or VDDA must be tied to ground.
3. Guaranteed by design.
4. Minimum sampling and conversion time is reached for maximum Rext = 0.5 k
Ω.
5. Value obtained for continuous conversion on fast channel.
6. The time between 2 conversions, or between ADC1 ON and the first conversion must be lower than tIDLE.
7. The tIDLE maximum value is ∞on the “Z” revision code of the device.
Table 48. ADC1 characteristics (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com