Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8L151K3 Datasheet(PDF) 39 Page - STMicroelectronics

Part # STM8L151K3
Description  Reset and supply management
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151K3 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button STM8L151K3 Datasheet HTML 35Page - STMicroelectronics STM8L151K3 Datasheet HTML 36Page - STMicroelectronics STM8L151K3 Datasheet HTML 37Page - STMicroelectronics STM8L151K3 Datasheet HTML 38Page - STMicroelectronics STM8L151K3 Datasheet HTML 39Page - STMicroelectronics STM8L151K3 Datasheet HTML 40Page - STMicroelectronics STM8L151K3 Datasheet HTML 41Page - STMicroelectronics STM8L151K3 Datasheet HTML 42Page - STMicroelectronics STM8L151K3 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 122 page
background image
DocID018780 Rev 9
39/122
STM8L151x2, STM8L151x3
Memory and register map
49
0x00 5140
RTC
RTC_TR1
RTC time register 1
0x00
0x00 5141
RTC_TR2
RTC time register 2
0x00
0x00 5142
RTC_TR3
RTC time register 3
0x00
0x00 5143
Reserved area (1 byte)
0x00 5144
RTC_DR1
RTC date register 1
0x01
0x00 5145
RTC_DR2
RTC date register 2
0x21
0x00 5146
RTC_DR3
RTC date register 3
0x00
0x00 5147
Reserved area (1 byte)
0x00 5148
RTC_CR1
RTC control register 1
0x00(2)
0x00 5149
RTC_CR2
RTC control register 2
0x00(2)
0x00 514A
RTC_CR3
RTC control register 3
0x00(2)
0x00 514B
Reserved area (1 byte)
0x00 514C
RTC_ISR1
RTC initialization and status register 1
0x01
0x00 514D
RTC_ISR2
RTC initialization and Status register 2
0x00
0x00 514E
0x00 514F
Reserved area (2 byte)
0x00 5150
RTC_SPRERH
RTC synchronous prescaler register high
0x00(2)
0x00 5151
RTC_SPRERL
RTC synchronous prescaler register low
0xFF(2)
0x00 5152
RTC_APRER
RTC asynchronous prescaler register
0x7F(2)
0x00 5153
Reserved area (1 byte)
0x00 5154
RTC_WUTRH
RTC wakeup timer register high
0xFF(2)
0x00 5155
RTC_WUTRL
RTC wakeup timer register low
0xFF(2)
0x00 5156
Reserved area (1 byte)
0x00 5157
RTC_SSRL
RTC subsecond register low
0x00
0x00 5158
RTC_SSRH
RTC subsecond register high
0x00
0x00 5159
RTC_WPR
RTC write protection register
0x00
0x00 5158
RTC_SSRH
RTC subsecond register high
0x00
0x00 5159
RTC_WPR
RTC write protection register
0x00
0x00 515A
RTC_SHIFTRH
RTC shift register high
0x00
0x00 515B
RTC_SHIFTRL
RTC shift register low
0x00
0x00 515C
RTC_ALRMAR1
RTC alarm A register 1
0x00(2)
0x00 515D
RTC_ALRMAR2
RTC alarm A register 2
0x00(2)
0x00 515E
RTC_ALRMAR3
RTC alarm A register 3
0x00(2)
0x00 515F
RTC_ALRMAR4
RTC alarm A register 4
0x00(2)
Table 8. General hardware register map (continued)
Address
Block
Register label
Register name
Reset status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com