Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8L151K3 Datasheet(PDF) 40 Page - STMicroelectronics

Part # STM8L151K3
Description  Reset and supply management
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151K3 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button STM8L151K3 Datasheet HTML 36Page - STMicroelectronics STM8L151K3 Datasheet HTML 37Page - STMicroelectronics STM8L151K3 Datasheet HTML 38Page - STMicroelectronics STM8L151K3 Datasheet HTML 39Page - STMicroelectronics STM8L151K3 Datasheet HTML 40Page - STMicroelectronics STM8L151K3 Datasheet HTML 41Page - STMicroelectronics STM8L151K3 Datasheet HTML 42Page - STMicroelectronics STM8L151K3 Datasheet HTML 43Page - STMicroelectronics STM8L151K3 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 122 page
background image
Memory and register map
STM8L151x2, STM8L151x3
40/122
DocID018780 Rev 9
0x00 5160
to
0x00 5163
RTC
Reserved area (4 byte)
0x00 5164
RTC_ALRMASSRH
RTC alarm A subsecond register high
0x00(2)
0x00 5165
RTC_ALRMASSRL
RTC alarm A subsecond register low
0x00(2)
0x00 5166
RTC_ALRMASSMS
KR
RTC alarm A masking register
0x00(2)
0x00 5167
to
0x00 5169
Reserved area (3 byte)
0x00 516A
RTC_CALRH
RTC calibration register high
0x00(2)
0x00 516B
RTC_CALRL
RTC calibration register low
0x00(2)
0x00 516C
to
0x00 518F
Reserved area (36 byte)
0x00 5190
CSSLSE_CSR
RTC CSS on LSE control and status
register
0x00(2)
0x00 5191
to
0x00 51FF
Reserved area (111 byte)
0x00 5200
SPI1
SPI1_CR1
SPI1 control register 1
0x00
0x00 5201
SPI1_CR2
SPI1 control register 2
0x00
0x00 5202
SPI1_ICR
SPI1 interrupt control register
0x00
0x00 5203
SPI1_SR
SPI1 status register
0x02
0x00 5204
SPI1_DR
SPI1 data register
0x00
0x00 5205
SPI1_CRCPR
SPI1 CRC polynomial register
0x07
0x00 5206
SPI1_RXCRCR
SPI1 Rx CRC register
0x00
0x00 5207
SPI1_TXCRCR
SPI1 Tx CRC register
0x00
0x00 5208
to
0x00 520F
Reserved area (8 byte)
Table 8. General hardware register map (continued)
Address
Block
Register label
Register name
Reset status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com