Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8L151K3 Datasheet(PDF) 97 Page - STMicroelectronics

Part # STM8L151K3
Description  Reset and supply management
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151K3 Datasheet(HTML) 97 Page - STMicroelectronics

Back Button STM8L151K3 Datasheet HTML 93Page - STMicroelectronics STM8L151K3 Datasheet HTML 94Page - STMicroelectronics STM8L151K3 Datasheet HTML 95Page - STMicroelectronics STM8L151K3 Datasheet HTML 96Page - STMicroelectronics STM8L151K3 Datasheet HTML 97Page - STMicroelectronics STM8L151K3 Datasheet HTML 98Page - STMicroelectronics STM8L151K3 Datasheet HTML 99Page - STMicroelectronics STM8L151K3 Datasheet HTML 100Page - STMicroelectronics STM8L151K3 Datasheet HTML 101Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 122 page
background image
DocID018780 Rev 9
97/122
STM8L151x2, STM8L151x3
Electrical parameters
102
In the following three tables, data is guaranteed by characterization result, not tested in
production.
Table 49. ADC1 accuracy with VDDA = 3.3 V to 2.5 V
Symbol
Parameter
Conditions
Typ
Max
Unit
DNL
Differential non linearity
fADC1 = 16 MHz
1
1.6
LSB
fADC1 = 8 MHz
1
1.6
fADC1 = 4 MHz
1
1.5
INL
Integral non linearity
fADC1 = 16 MHz
1.2
2
fADC1 = 8 MHz
1.2
1.8
fADC1 = 4 MHz
1.2
1.7
TUE
Total unadjusted error
fADC1 = 16 MHz
2.2
3.0
fADC1 = 8 MHz
1.8
2.5
fADC1 = 4 MHz
1.8
2.3
Offset
Offset error
fADC1 = 16 MHz
1.5
2
LSB
fADC1 = 8 MHz
1
1.5
fADC1 = 4 MHz
0.7
1.2
Gain
Gain error
fADC1 = 16 MHz
11.5
fADC1 = 8 MHz
fADC1 = 4 MHz
Table 50. ADC1 accuracy with VDDA = 2.4 V to 3.6 V
Symbol
Parameter
Typ
Max
Unit
DNL
Differential non linearity
1
2
LSB
INL
Integral non linearity
1.7
3
LSB
TUE
Total unadjusted error
24
LSB
Offset
Offset error
1
2
LSB
Gain
Gain error
1.5
3
LSB
Table 51. ADC1 accuracy with VDDA = VREF+ = 1.8 V to 2.4 V
Symbol
Parameter
Typ
Max
Unit
DNL
Differential non linearity
1
2
LSB
INL
Integral non linearity
23
LSB
TUE
Total unadjusted error
35
LSB
Offset
Offset error
2
3
LSB
Gain
Gain error
2
3
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com