Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DEV-13674 Datasheet(PDF) 4 Page - SparkFun Electronics

Part # DEV-13674
Description  Photon Weather Shield Hookup Guide V11
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-13674 Datasheet(HTML) 4 Page - SparkFun Electronics

  DEV-13674 Datasheet HTML 1Page - SparkFun Electronics DEV-13674 Datasheet HTML 2Page - SparkFun Electronics DEV-13674 Datasheet HTML 3Page - SparkFun Electronics DEV-13674 Datasheet HTML 4Page - SparkFun Electronics DEV-13674 Datasheet HTML 5Page - SparkFun Electronics DEV-13674 Datasheet HTML 6Page - SparkFun Electronics DEV-13674 Datasheet HTML 7Page - SparkFun Electronics DEV-13674 Datasheet HTML 8Page - SparkFun Electronics DEV-13674 Datasheet HTML 9Page - SparkFun Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Power
The simplest way to power the shield is to attach a Photon, and then power
the Photon through the micro USB connector. This will power the Photon as
well as all the components on the shield.
The downside to that power scheme is that micro USB connectors tend to
be fragile when put under a lot of mechanical stress, and they can rip right
off the PCB if pulled too hard. Thus, we provided a few other options for
power connectors.
On the underside of the shield, you’ll find a footprint for both an SMD Barrel
Jack and a 2-pin, 3.5mm screw terminal. Either of these can be soldered to
the PCB and used for alternate power inputs. The maximum voltage
supplied on these alternate connectors should not exceed 12V. For a
detailed explanation, read on.
Page 4 of 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com