Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DEV-13674 Datasheet(PDF) 9 Page - SparkFun Electronics

Part # DEV-13674
Description  Photon Weather Shield Hookup Guide V11
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-13674 Datasheet(HTML) 9 Page - SparkFun Electronics

Back Button DEV-13674 Datasheet HTML 5Page - SparkFun Electronics DEV-13674 Datasheet HTML 6Page - SparkFun Electronics DEV-13674 Datasheet HTML 7Page - SparkFun Electronics DEV-13674 Datasheet HTML 8Page - SparkFun Electronics DEV-13674 Datasheet HTML 9Page - SparkFun Electronics DEV-13674 Datasheet HTML 10Page - SparkFun Electronics DEV-13674 Datasheet HTML 11Page - SparkFun Electronics DEV-13674 Datasheet HTML 12Page - SparkFun Electronics DEV-13674 Datasheet HTML 13Page - SparkFun Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
IC Port
I C is becoming increasingly popular as a means by which to communicate
with sensors. Thus, it made sense to add an I C port to allow users to add
other sensors to their project. One great example would be adding an
external light sensor. Since most weather stations need to be enclosed in a
weatherproof housing, having a light sensor on-board didn’t make much
sense. However, adding the I C port allows one to connect sensors such as
the TSL2561 Luminosity Sensor or the ISL29125 RGB Light Sensor along
with a whole slew of other I C sensors.
I C Pull-ups
Many SparkFun I C Breakouts have solder jumpers for disabling the pull-up
resistors necessary on most I C designs. The Photon Weather Shield is no
different. If you already have a sensor that has pull-ups, you can disable
them on the shield by cutting the traces with a hobby knife. Or, if you would
rather leave the shield as is, you can disable the pull-ups on every I C you
add to the bus. The important thing to remember is that only one device on
the bus needs to have its pull-ups active. All others should be disabled.
Serial 1 Port
There is another port broken out, this time for the USART Serial 1 port on
the Photon. Serial ports are great for debugging. They also allow for various
other wireless technologies to be attached for mesh networking or for user
feedback via an LCD or other display. Let’s say you wanted additional
sensors around you home, well beyond the range of your WiFi signal. You
could attach an Xbee Explorer to the Serial 1 port on the Weather shield
and have your other node (consisting of a stand-alone XBee or an XBee
Arduino combo, for example) out in the field, feeding data back to the
Photon, which then sends the collective data to the web.
2
2
2
2
2
2
2
2
2
Page 9 of 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com