Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DEV-13674 Datasheet(PDF) 6 Page - SparkFun Electronics

Part # DEV-13674
Description  Photon Weather Shield Hookup Guide V11
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-13674 Datasheet(HTML) 6 Page - SparkFun Electronics

Back Button DEV-13674 Datasheet HTML 2Page - SparkFun Electronics DEV-13674 Datasheet HTML 3Page - SparkFun Electronics DEV-13674 Datasheet HTML 4Page - SparkFun Electronics DEV-13674 Datasheet HTML 5Page - SparkFun Electronics DEV-13674 Datasheet HTML 6Page - SparkFun Electronics DEV-13674 Datasheet HTML 7Page - SparkFun Electronics DEV-13674 Datasheet HTML 8Page - SparkFun Electronics DEV-13674 Datasheet HTML 9Page - SparkFun Electronics DEV-13674 Datasheet HTML 10Page - SparkFun Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
On-board 3.3V regulator and accompanying circuitry.
The main benefit to using the on-board regulator is that is has a higher
maximum voltage rating than the regulator located on the Photon. As stated
in the Photon datasheet, if power is supplied directly to the VIN pin on the
Photon, the voltage should be regulated between 3.6VDC and 5.5VDC. In
contrast, the MIC5219 regulator is rated for 2.5VDC to 12VDC, as per its
datasheet. Being able to power this system at 12V is handy for solar-
powered weather stations.
However, if you would rather have the alternative power source route power
through the regulator on the Photon (for lower current consumption during
sleep perhaps), simply cut the trace on the Power Select jumper (between
the VREG and RAW pads), and add a blob of solder between RAW and
P_VIN (Photon VIN) pads. Just be sure to not exceed voltages of 5.5-6V
once this alteration has been made.
Warning! Never power the Photon/Shield through both the micro USB
connector and the barrel jack or screw terminal at the same time! If
you need both connected for whatever reason (programming in DFU
mode over USB while powered via the barrel jack, for example), you’ll
need to cut the trace on the 3.3V Disable jumper, pictured below.
Only cut this trace is you have not altered the Power Select jumper
On-Board Sensors
The weather shield comes with two on-board sensors. Together, these two
sensors can give you a lot of information about the environmental
conditions around you or your project.
Si7021 or HTU21D Humidity and Temperature Sensor
Page 6 of 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com