| Electronic Components Datasheet Search |
|
HPC46083 Datasheet(PDF) 25 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
HPC46083 Datasheet(HTML) 25 Page - National Semiconductor (TI) |
|
25 / 36 page ![]() Universal Peripheral Interface The Universal Peripheral Interface (UPI) allows the HPC16083 to be used as an intelligent peripheral to another processor The UPI could thus be used to tightly link two HPC16083’s and set up systems with very high data ex- change rates Another area of application could be where a HPC16083 is programmed as an intelligent peripheral to a host system such as the Series 32000 microprocessor Figure 27 illustrates how a HPC16083 could be used an an intelligent peripherial for a Series 32000-based application The interface consists of a Data Bus (port A) a Read Strobe (URD) a Write Strobe (UWR) a Read Ready Line (RDRDY) a Write Ready Line (WRRDY) and one Address Input (UA0) The data bus can be either eight or sixteen bits wide The URD and UWR inputs may be used to interrupt the HPC16083 The RDRDY and WRRDY outputs may be used to interrupt the host processor The UPI contains an Input Buffer (IBUF) an Output Buffer (OBUF) and a Control Register (UPIC) In the UPI mode port A on the HPC16083 is the data bus UPI can only be used if the HPC16083 is in the Single-Chip mode Shared Memory Support Shared memory access provides a rapid technique to ex- change data It is effective when data is moved from a pe- ripheral to memory or when data is moved between blocks of memory A related area where shared memory access proves effective is in multiprocessing applications where two CPUs share a common memory block The HPC16083 supports shared memory access with two pins The pins are the RDYHLD input pin and the HLDA output pin The user can software select either the Hold or Ready function by the state of a control bit The HLDA output is multiplexed onto port B The host uses DMA to interface with the HPC16083 The host initiates a data transfer by activating the HLD input of the HPC16083 In response the HPC16083 places its sys- tem bus in a TRI-STATE Mode freeing it for use by the host The host waits for the acknowledge signal (HLDA) from the HPC16083 indicating that the sytem bus is free On receiv- ing the acknowledge the host can rapidly transfer data into or out of the shared memory by using a conventional DMA controller Upon completion of the message transfer the host removes the HOLD request and the HPC16083 re- sumes normal operations Figure 28 illustrates an application of the shared memory interface between the HPC16083 and a Series 32000 sys- tem To insure proper operation the interface logic shown is recommended as the means for enabling and disabling the user’s bus Memory The HPC16083 has been designed to offer flexibility in memory usage A total address space of 64 kbytes can be addressed with 8 kbytes of ROM and 256 bytes of RAM available on the chip itself The ROM may contain program instructions constants or data The ROM and RAM share the same address space allowing instructions to be execut- ed out of RAM Program memory addressing is accomplished by the 16-bit program counter on a byte basis Memory can be addressed directly by instructions or indirectly through the B X and SP registers Memory can be addressed as words or bytes Words are always addressed on even-byte boundaries The HPC16083 uses memory-mapped organization to support registers IO and on-chip peripheral functions The HPC16083 memory address space extends to 64 kbytes and registers and IO are mapped as shown in Table IV TLDD8801 – 29 FIGURE 27 HPC16083 as a Peripheral (UPI Interface to Series 32000 Application) 25 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |