Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HPC46083 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # HPC46083
Description  High-Performance microControllers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

HPC46083 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button HPC46083 Datasheet HTML 7Page - National Semiconductor (TI) HPC46083 Datasheet HTML 8Page - National Semiconductor (TI) HPC46083 Datasheet HTML 9Page - National Semiconductor (TI) HPC46083 Datasheet HTML 10Page - National Semiconductor (TI) HPC46083 Datasheet HTML 11Page - National Semiconductor (TI) HPC46083 Datasheet HTML 12Page - National Semiconductor (TI) HPC46083 Datasheet HTML 13Page - National Semiconductor (TI) HPC46083 Datasheet HTML 14Page - National Semiconductor (TI) HPC46083 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
AC Electrical Specifications Test Conditions VCC e 45V and 55V (Unless Otherwise Specified) (Note 1)
(Continued)
Symbol
Parameter
Conditions
SBGRP 9
SBGRP 10
SBGRP 11
Units
Notes
a
25 C
a
125 C
b
55 C
Min
Max
Min
Max
Min
Max
tRWP e tC
RDY Pulse Width
100
100
100
ns
(Note 6)
tSALE e
tC a 40 Falling Edge of HLD to
115
115
115
ns
(Note 6)
to Rising Edge of ALE
tHWP e tC a 10
HLD Pulse Width
110
110
110
ns
(Note 6)
tHAD e
tC a85
Rising Edge on HLD to
160
160
160
ns
(Note 6)
Rising Edge on HLDA
tHAE e tC a100
Falling Edge on HLD to
200
200
200
ns
(Note 6)
Falling Edge on HLDA
tBF e
tC a66
BUS Float before
116
116
116
ns
(Note 6)
Falling Edge on HLDA
tBE e
tC a66
BUS Enable from
116
116
116
ns
(Note 6)
Rising Edge of HLDA
tUAS
Address Setup Time to
10
10
10
ns
(Note 6)
Falling Edge of URD
tUAH
Address Hold Time from
10
10
10
ns
(Note 6)
Rising Edge of URD
tRPW
URD Pulse Width
100
100
100
ns
(Note 6)
tOE
URD Falling Edge to
60
60
60
ns
(Note 6)
Data Out Valid
tRDRDY
RDY Delay from
70
70
70
ns
(Note 6)
Rising Edge of URD
tWDW
UWR Pulse Width
40
40
40
ns
(Note 6)
tUDS
Data Invalid before
10
10
10
ns
(Note 6)
Trailing Edge of UWR
tUDH
Data In Hold after
15
15
15
ns
(Note 6)
Rising Edge of UWR
tA
WRRDY Delay from
70
70
70
ns
(Note 6)
Rising Edge of UWR
Note 1
Electrical end point testing (when required) for groupsCD shall consist only of subgroups 1 2 9 and 10
Note 5
Tested in functional patterns Not directly measured
Note 6
CL e 70 pF Input and output levels are per DC characteristics
Pin Descriptions
The HPC16083 is available in 68-pin PLCC LDCC PGA
and 80-pin PQFP packages
IO PORTS
Port A is a 16-bit bidirectional IO port with a data direction
register to enable each separate pin to be individually de-
fined as an input or output When accessing external memo-
ry port A is used as the multiplexed addressdata bus
Port B is a 16-bit port with 12 bits of bidirectional IO similar
in structure to Port A Pins B10 B11 B12 and B15 are gen-
eral purpose outputs only in this mode Port B may also be
configured via a 16-bit function register BFUN to individually
allow each pin to have an alternate function
B0
TDX
UART Data Output
B1
B2
CKX
UART Clock (Input or Output)
B3
T2IO
Timer2 IO Pin
B4
T3IO
Timer3 IO Pin
B5
SO
MICROWIREPLUS Output
B6
SK
MICROWIREPLUS Clock (Input or Output)
B7
HLDA
Hold Acknowledge Output
B8
TS0
Timer Synchronous Output
B9
TS1
Timer Synchronous Output
B10
UA0
Address 0 Input for UPI Mode
B11
WRRDY Write Ready Output for UPI Mode
B12
B13
TS2
Timer Synchronous Output
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com