Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HPC46083 Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # HPC46083
Description  High-Performance microControllers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

HPC46083 Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button HPC46083 Datasheet HTML 14Page - National Semiconductor (TI) HPC46083 Datasheet HTML 15Page - National Semiconductor (TI) HPC46083 Datasheet HTML 16Page - National Semiconductor (TI) HPC46083 Datasheet HTML 17Page - National Semiconductor (TI) HPC46083 Datasheet HTML 18Page - National Semiconductor (TI) HPC46083 Datasheet HTML 19Page - National Semiconductor (TI) HPC46083 Datasheet HTML 20Page - National Semiconductor (TI) HPC46083 Datasheet HTML 21Page - National Semiconductor (TI) HPC46083 Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
HPC16003 Operating Modes (Continued)
TLDD8801 – 19
FIGURE 17 16-Bit External Memory
Wait States
The internal ROM can be accessed at the maximum operat-
ing frequency with one wait state With 0 wait states internal
ROM accesses are limited to
fC max
The HPC16083 provides four software selectable Wait
States that allow access to slower memories The Wait
States are selected by the state of two bits in the PSW
register Additionally the RDY input may be used to extend
the instruction cycle allowing the user to interface with slow
memories and peripherals
Power Save Modes
Two power saving modes are available on the HPC16083
HALT and IDLE In the HALT mode all processor activities
are stopped In the IDLE mode the on-board oscillator and
timer T0 are active but all other processor activities are
stopped In either mode all on-board RAM registers and
IO are unaffected
HALT MODE
The HPC16083 is placed in the HALT mode under software
control by setting bits in the PSW All processor activities
including the clock and timers are stopped In the HALT
mode power requirements for the HPC16083 are minimal
and the applied voltage (VCC) may be decreased without
altering the state of the machine There are two ways of
exiting the HALT mode via the RESET or the NMI The
RESET input reinitializes the processor Use of the NMI in-
put will generate a vectored interrupt and resume operation
from that point with no initialization The HALT mode can be
enabled or disabled by means of a control register HALT
enable To prevent accidental use of the HALT mode the
HALT enable register can be modified only once
IDLE MODE
The HPC16083 is placed in the IDLE mode through the
PSW In this mode all processor activity except the on-
board oscillator and Timer T0 is stopped As with the HALT
mode the processor is returned to full operation by the
RESET or NMI inputs but without waiting for oscillator stabi-
lization A timer T0 overflow will also cause the HPC16083
to resume normal operation
HPC16083 Interrupts
Complex interrupt handling is easily accomplished by the
HPC16083’s vectored interrupt scheme There are eight
possible interrupt sources as shown in Table III
TABLE III Interrupts
Vector
Interrupt
Arbitration
Address
Source
Ranking
FFFFFFFE
RESET
0
FFFDFFFC
Nonmaskable external on
1
rising edge of I1 pin
FFFBFFFA
External interrupt on I2 pin
2
FFF9FFF8
External interrupt on I3 pin
3
FFF7FFF6
External interrupt on I4 pin
4
FFF5FFF4
Overflow on internal timers
5
FFF3FFF2
Internal on the UART
transmitreceive complete
6
or external on EXUI
FFF1FFF0
External interrupt on EI pin
7
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com