Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HPC46083 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # HPC46083
Description  High-Performance microControllers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

HPC46083 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button HPC46083 Datasheet HTML 13Page - National Semiconductor (TI) HPC46083 Datasheet HTML 14Page - National Semiconductor (TI) HPC46083 Datasheet HTML 15Page - National Semiconductor (TI) HPC46083 Datasheet HTML 16Page - National Semiconductor (TI) HPC46083 Datasheet HTML 17Page - National Semiconductor (TI) HPC46083 Datasheet HTML 18Page - National Semiconductor (TI) HPC46083 Datasheet HTML 19Page - National Semiconductor (TI) HPC46083 Datasheet HTML 20Page - National Semiconductor (TI) HPC46083 Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
HPC16003 Operating Modes
EXPANDED ROMLESS MODE (HPC16003)
Because the HPC16003 has no on-chip ROM it has only
one mode of operation the Expanded ROMless Mode The
EXM pin must be pulled high (logic ‘‘1’’) on power up the
EA bit in the PSW register should be set to a ‘‘1’’ The
HPC16003 is a ROMless device and is intended for use with
external memory The external memory may be any combi-
nation of ROM and RAM Up to 64k bytes of external mem-
ory may be accessed It is necessary to vector on reset to
an address between F000 and FFFF therefore the user
should have external memory at these addresses The EA
bit in the PSW register must immediately be set to ‘‘1’’ at the
beginning of the user’s program to disable illegal address
detection in the WATCHDOG logic
TABLE II HPC16003 Operating Modes
Operating
EXM
EA
Memory
Mode
Pin
Bit
Configuration
Expanded ROMless
1
1
0200FFFF off-chip
Note
The on-chip RAM and Registers (000001FF) of the HPC16003 may
be accessed at all times
TLDD8801 – 17
FIGURE 15 Single-Chip Mode
TLDD8801 – 18
FIGURE 16 8-Bit External Memory
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com