Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA311B Datasheet(PDF) 55 Page - STMicroelectronics

Part # STA311B
Description  Multichannel digital audio processor with FFXTM
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA311B Datasheet(HTML) 55 Page - STMicroelectronics

Back Button STA311B Datasheet HTML 51Page - STMicroelectronics STA311B Datasheet HTML 52Page - STMicroelectronics STA311B Datasheet HTML 53Page - STMicroelectronics STA311B Datasheet HTML 54Page - STMicroelectronics STA311B Datasheet HTML 55Page - STMicroelectronics STA311B Datasheet HTML 56Page - STMicroelectronics STA311B Datasheet HTML 57Page - STMicroelectronics STA311B Datasheet HTML 58Page - STMicroelectronics STA311B Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 102 page
background image
DocID024340 Rev 1
55/102
STA311B
Registers
102
8.2.44
Tone control bypass (0x2B)
Tone control (bass/treble) can be bypassed on a per-channel basis. If tone control is
bypassed on a given channel, the two filters that tone control utilizes are made available as
user-programmable biquads #9 and #10.
8.2.45
Tone control (0x2C)
This is the tone control boost / cut as a function of the BTC and TTC bits.
Bit
RW
RST
Name
Description
7:0
RW
0
CnEQBP
For n = 1 to 8:
0: perform EQ on channel n - normal operation
1: bypass EQ on channel n
D7
D6
D5
D4
D3
D2
D1
D0
C8TCB
C7TCB
C6TCB
C5TCB
C4TCB
C3TCB
C2TCB
C1TCB
00
000
00
0
D7
D6
D5
D4
D3
D2
D1
D0
TTC3
TTC2
TTC1
TTC0
BTC3
BTC2
BTC1
BTC0
01
110
11
1
BTC[3:0] / TTC[3:0)
Boost / cut
0000
-12 dB
0001
-12 dB
……
0111
-4 dB
0110
-2 dB
0111
0 dB
1000
+2 dB
1001
+4 dB
……
1101
+12 dB
1110
+12 dB
1111
+12dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com