Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA311B Datasheet(PDF) 68 Page - STMicroelectronics

Part # STA311B
Description  Multichannel digital audio processor with FFXTM
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA311B Datasheet(HTML) 68 Page - STMicroelectronics

Back Button STA311B Datasheet HTML 64Page - STMicroelectronics STA311B Datasheet HTML 65Page - STMicroelectronics STA311B Datasheet HTML 66Page - STMicroelectronics STA311B Datasheet HTML 67Page - STMicroelectronics STA311B Datasheet HTML 68Page - STMicroelectronics STA311B Datasheet HTML 69Page - STMicroelectronics STA311B Datasheet HTML 70Page - STMicroelectronics STA311B Datasheet HTML 71Page - STMicroelectronics STA311B Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 102 page
background image
Configuration registers (0x77; 0x78; 0x79)
STA311B
68/102
DocID024340 Rev 1
9
Configuration registers (0x77; 0x78; 0x79)
CBQ1 (reg 0x77)
CBQ2 (reg 0x78)
CBQ3 (reg 0x79)
The STA311B EQ biquads use the following equation:
Y[n] = 2 * (b0 / 2) * X[n] + 2 * (b1 / 2) * X[n-1] + b2 * X[n-2] - 2 * (a1 / 2) * Y[n-1] - a2 * Y[n-2]
= b0 * X[n] + b1 * X[n-1] + b2 * X[n-2] - a1 * Y[n-1] - a2 * Y[n-2]
where Y[n] represents the output and X[n] represents the input. Multipliers are 24-bit signed
fractional multipliers, with coefficient values in the range of 0x800000 (-1) to 0x7FFFFF
(0.9999995231628). The default coefficient range (+/-1) can be reconfigured to
2 or 4
with the 0x77, 0x78 and 0x79 I²C registers. The coefficients range setting is common for all
the channels.
(EBQx_1;EBQx_0)=”00”: Biquad x use +/-1 range
(EBQx_1;EBQx_0)=”01”: Biquad x use +/-2 range
(EBQx_1;EBQx_0)=”10”: Biquad x use +/-4 range
(EBQx_1;EBQx_0)=”11”: reserved
Coefficients stored in the user-defined coefficient RAM are referenced in the following
manner:
CxHy0 = b1 / 2
CxHy1 = b2
CxHy2 = -a1 / 2
CxHy3 = -a2
CxHy4 = b0 / 2
where x represents the channel and the y the biquad number. For example, C0H41 is the b2
coefficient in the fourth biquad for channel 2.
By default, all user-defined filters are pass-through where all coefficients are set to 0, except
the b0/2 coefficient which is set to 0x400000 (representing 0.5). Mix coefficients use only 1
range.
D7
D6
D5
D4
D3
D2
D1
D0
EBQ3_1
EBQ3_0
EBQ2_1
EBQ2_0
EBQ1_1
EBQ1_0
EBQ0_0
EBQ0_0
00
000
00
0
D7
D6
D5
D4
D3
D2
D1
D0
EBQ7_1
EBQ7_0
EBQ6_1
EBQ6_0
EBQ5_1
EBQ5_0
EBQ4_1
EBQ4_0
00
000
00
0
D7
D6
D5
D4
D3
D2
D1
D0
nshen
EBQ9_1
EBQ9_0
EBQ8_1
EBQ8_0
00
010
00
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com