Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA311B Datasheet(PDF) 99 Page - STMicroelectronics

Part # STA311B
Description  Multichannel digital audio processor with FFXTM
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA311B Datasheet(HTML) 99 Page - STMicroelectronics

Back Button STA311B Datasheet HTML 94Page - STMicroelectronics STA311B Datasheet HTML 95Page - STMicroelectronics STA311B Datasheet HTML 96Page - STMicroelectronics STA311B Datasheet HTML 97Page - STMicroelectronics STA311B Datasheet HTML 98Page - STMicroelectronics STA311B Datasheet HTML 99Page - STMicroelectronics STA311B Datasheet HTML 100Page - STMicroelectronics STA311B Datasheet HTML 101Page - STMicroelectronics STA311B Datasheet HTML 102Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 99 / 102 page
background image
DocID024340 Rev 1
99/102
STA311B
Package information
102
11
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Table 26. VFQFPN-56 (8 x 8 mm) package dimensions
Reference
mm
Min.
Typ.
Max.
A
0.80
0.90
1.00
A1
0
0.05
D8.00
D2
See exposed pad variations
E8.00
E2
See exposed pad variations
b
0.25
0.30
0.35
b1
0.20
0.25
0.30
e (pad pitch)(1)
1.
Refer to Figure 12.
L1
0.05
0.15
aaa
0.15
bbb
0.10
ddd
0.05
eee
0.08
fff
0.10
ccc
0.10
Table 27. Exposed pad variations
Variation
D2
E2
Min.
Typ.
Max
Min.
Typ.
Max.
A
5.85
5.90
5.95
5.85
5.90
5.95
B
4.25
4.30
4.35
4.25
4.30
4.35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com