Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA311B Datasheet(PDF) 93 Page - STMicroelectronics

Part # STA311B
Description  Multichannel digital audio processor with FFXTM
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA311B Datasheet(HTML) 93 Page - STMicroelectronics

Back Button STA311B Datasheet HTML 89Page - STMicroelectronics STA311B Datasheet HTML 90Page - STMicroelectronics STA311B Datasheet HTML 91Page - STMicroelectronics STA311B Datasheet HTML 92Page - STMicroelectronics STA311B Datasheet HTML 93Page - STMicroelectronics STA311B Datasheet HTML 94Page - STMicroelectronics STA311B Datasheet HTML 95Page - STMicroelectronics STA311B Datasheet HTML 96Page - STMicroelectronics STA311B Datasheet HTML 97Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 102 page
background image
DocID024340 Rev 1
93/102
STA311B
Configuration registers (0x77; 0x78; 0x79)
102
PLL input division factor and others (0x74)
By default the STA311B is able to configure the embedded PLL automatically depending on
the MCS bits (reg 0x00). For certain applications and to provide flexibility to the user, a
manual PLL configuration can be used (setting PLLFC to 1). The output PLL frequency
formula is:
Clock manager configuration register (0x75)
D7
D6
D5
D4
D3
D2
D1
D0
PDPDC
PLLFC
PLSTRB
PLSTBB
PLIDF3
PLIDF2
PLIDF1
PLIDF0
00
000
00
0
D7
D6
D5
D4
D3
D2
D1
D0
PLLBYP
PLLDPR
LOWEN
BST32K
00
00
Bit
RW
RST
Name
Description
3
RW
0
PLLBYP
PLL bypass enable
‘0’: disabled
‘1’: bypassed
2
RW
0
PLLDPR
PLL direct programming
‘0’: PLL configuration depends on MCS
‘1’: PLL configuration depends on I²C regs (0x72, 0x73
and 0x74)
1RW
0
LOWEN
Low clock enable
‘0’: if input clock is too slow, master clock will become
the internal oscillator clock (20 MHz), PLL bypassed
‘1’: disabled
0
RW
0
BST32K
Boost oversampling for fs = 32 kHz
‘0’: disabled
‘1’: input oversampling is selected x 3
Fout
Fin
IDF
----------
ND
FI
216
--------
+


when PLLFC = 1
=
Fout
Fin
IDF
----------
ND

when PLLFC = 0
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com