Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESDAVLC8-4BN4 Datasheet(PDF) 7 Page - STMicroelectronics

Part # ESDAVLC8-4BN4
Description  4-line very low capacitance Transil??array for ESD protection
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDAVLC8-4BN4 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ESDAVLC8-4BN4 Datasheet HTML 2Page - STMicroelectronics ESDAVLC8-4BN4 Datasheet HTML 3Page - STMicroelectronics ESDAVLC8-4BN4 Datasheet HTML 4Page - STMicroelectronics ESDAVLC8-4BN4 Datasheet HTML 5Page - STMicroelectronics ESDAVLC8-4BN4 Datasheet HTML 6Page - STMicroelectronics ESDAVLC8-4BN4 Datasheet HTML 7Page - STMicroelectronics ESDAVLC8-4BN4 Datasheet HTML 8Page - STMicroelectronics ESDAVLC8-4BN4 Datasheet HTML 9Page - STMicroelectronics ESDAVLC8-4BN4 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
DocID022192 Rev 3
7/10
ESDAVLC8-4BN4
Recommendation on PCB assembly
3
Recommendation on PCB assembly
3.1
Stencil opening design
Reference design
•
Stencil opening thickness: 100 µm
•
Stencil opening for leads: Opening to footprint ratio is 100%.
Figure 17. Recommended stencil window position
3.2
Solder paste
1.
Halide-free flux qualification ROL0 according to ANSI/J-STD-004.
2.
“No clean” solder paste is recommended.
3.
Offers a high tack force to resist component movement during high speed.
4.
Solder paste with fine particles: powder particle size is 20-45 µm.
180 µm
Footprint
Footprint
T=100 µm and opening
ratio is 100%
580 µm
Stencil window



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com