Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESDAVLC8-4BN4 Datasheet(PDF) 3 Page - STMicroelectronics

Part # ESDAVLC8-4BN4
Description  4-line very low capacitance Transil??array for ESD protection
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDAVLC8-4BN4 Datasheet(HTML) 3 Page - STMicroelectronics

  ESDAVLC8-4BN4 Datasheet HTML 1Page - STMicroelectronics ESDAVLC8-4BN4 Datasheet HTML 2Page - STMicroelectronics ESDAVLC8-4BN4 Datasheet HTML 3Page - STMicroelectronics ESDAVLC8-4BN4 Datasheet HTML 4Page - STMicroelectronics ESDAVLC8-4BN4 Datasheet HTML 5Page - STMicroelectronics ESDAVLC8-4BN4 Datasheet HTML 6Page - STMicroelectronics ESDAVLC8-4BN4 Datasheet HTML 7Page - STMicroelectronics ESDAVLC8-4BN4 Datasheet HTML 8Page - STMicroelectronics ESDAVLC8-4BN4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
DocID022192 Rev 3
3/10
ESDAVLC8-4BN4
Characteristics
Figure 3. Peak pulse power versus initial
junction temperature (8/20 µs waveform)
Figure 4. Peak pulse power versus exponential
pulse duration
Ppp (W)
0
20
40
60
80
100
25
35
45
55
65
75
85
95
105
115
125
135
145
8/20 µs
Direct
Reverse
T (°C)
j
P (W)
PP
1
10
100
10
100
1000
Tj=25 °C
Direct
Reverse
t (µs)
p
Figure 5. Clamping voltage versus peak pulse
current (typical values, 8/20 µs waveform)
Figure 6. Junction capacitance versus reverse
voltage applied (typical values)
I (A)
PP
0.1
1.0
10.0
10
20
30
8/20µs
Tj initial = 25 °C
Direct
Reverse
V
(V)
CL
C(pF)
0.0
1.0
2.0
3.0
4.0
5.0
01
2
3
4
5
6
F=1 MHz
Vosc=30mVRMS
Vr=0V
Tj=25 °C
Direct
Reverse
VR(V)
Figure 7. ESD response to IEC 61000-4-2
(+8 kV contact discharge) on each channel
Figure 8. ESD response to IEC 61000-4-2
(-8 kV contact discharge) on each channel
10 V/div
20 ns/div
10 V/div
20 ns/div



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com