Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESDAVLC8-4BN4 Datasheet(PDF) 4 Page - STMicroelectronics

Part # ESDAVLC8-4BN4
Description  4-line very low capacitance Transil??array for ESD protection
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDAVLC8-4BN4 Datasheet(HTML) 4 Page - STMicroelectronics

  ESDAVLC8-4BN4 Datasheet HTML 1Page - STMicroelectronics ESDAVLC8-4BN4 Datasheet HTML 2Page - STMicroelectronics ESDAVLC8-4BN4 Datasheet HTML 3Page - STMicroelectronics ESDAVLC8-4BN4 Datasheet HTML 4Page - STMicroelectronics ESDAVLC8-4BN4 Datasheet HTML 5Page - STMicroelectronics ESDAVLC8-4BN4 Datasheet HTML 6Page - STMicroelectronics ESDAVLC8-4BN4 Datasheet HTML 7Page - STMicroelectronics ESDAVLC8-4BN4 Datasheet HTML 8Page - STMicroelectronics ESDAVLC8-4BN4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Characteristics
ESDAVLC8-4BN4
4/10
DocID022192 Rev 3
Figure 9. S21 attenuation measurement
Figure 10. Analog crosstalk measurement
-30.00
1.0 M
10.0 M
100.0 M
1.0 G
-25.00
-20.00
-15.00
-10.00
-5.00
0.00
dB
100.0 k
F/Hz
100.0k
1.0M
10.0M
100.0M
1.0G
-100.00
-90.00
-80.00
-70.00
-60.00
-50.00
-40.00
-30.00
-20.00
-10.00
0.00
dB
F/Hz
Figure 11. Leakage current versus junction
temperature (typical values)
Figure 12. TLP measurement
I
R (nA)
0.01
0.10
1.00
10.00
25
35
45
55
65
75
85
95
105
115
125
VR=VRM=3V
Direct
Reverse
Tj(°C)
IPP (A)
0
5
10
15
20
25
0
5
10
15
20
25
VCL (V)
GND to I/O
I/O to GND



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com