Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESDAVLC8-4BN4 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ESDAVLC8-4BN4
Description  4-line very low capacitance Transil??array for ESD protection
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDAVLC8-4BN4 Datasheet(HTML) 1 Page - STMicroelectronics

  ESDAVLC8-4BN4 Datasheet HTML 1Page - STMicroelectronics ESDAVLC8-4BN4 Datasheet HTML 2Page - STMicroelectronics ESDAVLC8-4BN4 Datasheet HTML 3Page - STMicroelectronics ESDAVLC8-4BN4 Datasheet HTML 4Page - STMicroelectronics ESDAVLC8-4BN4 Datasheet HTML 5Page - STMicroelectronics ESDAVLC8-4BN4 Datasheet HTML 6Page - STMicroelectronics ESDAVLC8-4BN4 Datasheet HTML 7Page - STMicroelectronics ESDAVLC8-4BN4 Datasheet HTML 8Page - STMicroelectronics ESDAVLC8-4BN4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
This is information on a product in full production.
March 2014
DocID022192 Rev 3
1/10
10
ESDAVLC8-4BN4
4-line very low capacitance Transil™ array for ESD protection
Datasheet
− production data
Figure 1. Functional diagram (top view)
Features
• Stand-off voltage: 3 V
• Very low capacitance: 4.5 pF
• Small package: 1.0 x 0.8 mm
• Very thin package: 0.40 mm max
• Low leakage current: 50 nA at 25 °C
Benefits
• High ESD robustness of the equipment
• Suitable for high speed interface
Complies with the following standards:
• IEC 61000-4-2:
– ±15 kV (air discharge)
– ±8 kV (contact discharge)
• MIL STD 883G- Method 3015-7: class3B:
– >25 kV (human body model)
Applications
Where transient overvoltage protection and
electrical overstress protection in sensitive
equipment is required, such as:
• Communication systems
• Cellular phone handsets and accessories
• Video equipment
Description
The ESDAVLC8-4BN4 is monolithic array
designed to protect up to 4 lines against ESD
transients. It has been designed specifically for
the protection of the high speed interface of
integrated circuits in portable equipment and
miniaturized electronics devices. The µQFN-4L
package minimizes PCB space.
TM: Transil is a trademark of STMicroelectronics.
µQFN-4L
GND
I/O1
I/O2
I/O3
I/O4
www.st.com


Similar Part No. - ESDAVLC8-4BN4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDAVLC8-1BM2 STMICROELECTRONICS-ESDAVLC8-1BM2 Datasheet
206Kb / 13P
Single line low capacitance Transil for ESD protection
22-Jan-2010
ESDAVLC8-1BT2 STMICROELECTRONICS-ESDAVLC8-1BT2 Datasheet
206Kb / 13P
Single line low capacitance Transil for ESD protection
22-Jan-2010
ESDAVLC8-1BT2Y STMICROELECTRONICS-ESDAVLC8-1BT2Y Datasheet
350Kb / 13P
Single-line bidirectional protection
15-Jul-2014
ESDAVLC8-1BU2 STMICROELECTRONICS-ESDAVLC8-1BU2 Datasheet
228Kb / 11P
Single-line low capacitance Transil™, transient surge voltage suppressor (TVS) for bidirectional ESD protection
15-May-2012
More results

Similar Description - ESDAVLC8-4BN4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDALC6V1P5 STMICROELECTRONICS-ESDALC6V1P5 Datasheet
53Kb / 5P
QUAD LOW CAPACITANCE TRANSIL ARRAY FOR ESD PROTECTION
Feb-2004
ESDALC6V1M3 STMICROELECTRONICS-ESDALC6V1M3 Datasheet
327Kb / 8P
Dual low capacitance TRANSIL??array for ESD protection
2006-Jun-16
ESDALC6V1M6 STMICROELECTRONICS-ESDALC6V1M6 Datasheet
179Kb / 8P
4 and 5 line low capacitance TRANSIL array for ESD protection
21-Dec-2005
ESDALC6V1-1M2 STMICROELECTRONICS-ESDALC6V1-1M2 Datasheet
147Kb / 10P
Single line low capacitance Transil for ESD protection
26-Nov-2007
ESDALC6V1C2 STMICROELECTRONICS-ESDALC6V1C2 Datasheet
88Kb / 7P
Quad low capacitance TRANSIL array for ESD protection
07-Aug-2006
ESDALC6V1F2 STMICROELECTRONICS-ESDALC6V1F2 Datasheet
88Kb / 7P
Quad low capacitance Transil array for ESD protection
11-Jul-2007
ESDALC6V1M3 STMICROELECTRONICS-ESDALC6V1M3_08 Datasheet
334Kb / 7P
Dual low capacitance Transil array for ESD protection
January 2006
ESDAVLC8-1BM2 STMICROELECTRONICS-ESDAVLC8-1BM2 Datasheet
206Kb / 13P
Single line low capacitance Transil for ESD protection
22-Jan-2010
ESDALC14V2-1U2 STMICROELECTRONICS-ESDALC14V2-1U2 Datasheet
283Kb / 11P
Single-line low capacitance Transil??for ESD protection
23-Sep-2011
ESDALC14V2-2BP5 STMICROELECTRONICS-ESDALC14V2-2BP5 Datasheet
69Kb / 6P
Low capacitance TRANSIL™ array for ESD protection
08-Dec-2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com