Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDMI2C2-14HD Datasheet(PDF) 8 Page - STMicroelectronics

Part # HDMI2C2-14HD
Description  ESD protection and signal booster for HDMI??1.4 sink interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HDMI2C2-14HD Datasheet(HTML) 8 Page - STMicroelectronics

Back Button HDMI2C2-14HD Datasheet HTML 4Page - STMicroelectronics HDMI2C2-14HD Datasheet HTML 5Page - STMicroelectronics HDMI2C2-14HD Datasheet HTML 6Page - STMicroelectronics HDMI2C2-14HD Datasheet HTML 7Page - STMicroelectronics HDMI2C2-14HD Datasheet HTML 8Page - STMicroelectronics HDMI2C2-14HD Datasheet HTML 9Page - STMicroelectronics HDMI2C2-14HD Datasheet HTML 10Page - STMicroelectronics HDMI2C2-14HD Datasheet HTML 11Page - STMicroelectronics HDMI2C2-14HD Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
Application information
HDMI2C2-14HD
8/31
DocID024813 Rev1
Figure 6. Benefit of the dynamic pull-up on the DDC bus
In order to activate the DDC bus, both following conditions must be respected: the VDD_5V
must be higher than the VDD_ON threshold (see Table 3) and all inputs and outputs of the
bidirectional level shifters (SCL, SDA, SCL_IC, SDA_IC) must be set to a high level at the
same time.
The DDC outputs (SCL and SDA on cable side) integrate a protection against ESD which is
compliant with IEC61000-4-2 standard, level 4 (8kV contact).
Rise time
out of I2C specification
Risk of communication failure
I2C driver without dynamic pull-up
I2C driver with dynamic pull-up
Signal on the cable
IC control
5V_IN
VDD_IC
IC control
Signal on the cable
5V_IN
VDD_IC
R PU_BUS
5V_IN
HDMI™ cable model
750pF
R PU_BUS
5V_IN
HDMI™ cable model
750pF
Rise time compliant with I2C specification
Signal integrity even on 750pF load capacitance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com