Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDMI2C2-14HD Datasheet(PDF) 28 Page - STMicroelectronics

Part # HDMI2C2-14HD
Description  ESD protection and signal booster for HDMI??1.4 sink interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HDMI2C2-14HD Datasheet(HTML) 28 Page - STMicroelectronics

Back Button HDMI2C2-14HD Datasheet HTML 23Page - STMicroelectronics HDMI2C2-14HD Datasheet HTML 24Page - STMicroelectronics HDMI2C2-14HD Datasheet HTML 25Page - STMicroelectronics HDMI2C2-14HD Datasheet HTML 26Page - STMicroelectronics HDMI2C2-14HD Datasheet HTML 27Page - STMicroelectronics HDMI2C2-14HD Datasheet HTML 28Page - STMicroelectronics HDMI2C2-14HD Datasheet HTML 29Page - STMicroelectronics HDMI2C2-14HD Datasheet HTML 30Page - STMicroelectronics HDMI2C2-14HD Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
Recommendation on PCB assembly
HDMI2C2-14HD
28/31
DocID024813 Rev1
Figure 28. Recommended stencil window position
5.2
Solder paste
1.
Use halide-free flux, qualification ROL0 according to ANSI/J-STD-004.
2.
“No clean” solder paste recommended.
3.
Offers a high tack force to resist component displacement during PCB movement.
4.
Use solder paste with fine particles: powder particle size 20-45 µm.
0.50
0.30
0.50
0.25
5.30
0.25
Stencil window
Footprint
0.45
0.23
286 µm
3.8 mm
300 µm
5.3 mm
7 µm
750 µm
2.30
474 µm
1.7 mm
13 µm
300 µm
500 µm
2.3 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com