Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDMI2C2-14HD Datasheet(PDF) 17 Page - STMicroelectronics

Part # HDMI2C2-14HD
Description  ESD protection and signal booster for HDMI??1.4 sink interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HDMI2C2-14HD Datasheet(HTML) 17 Page - STMicroelectronics

Back Button HDMI2C2-14HD Datasheet HTML 13Page - STMicroelectronics HDMI2C2-14HD Datasheet HTML 14Page - STMicroelectronics HDMI2C2-14HD Datasheet HTML 15Page - STMicroelectronics HDMI2C2-14HD Datasheet HTML 16Page - STMicroelectronics HDMI2C2-14HD Datasheet HTML 17Page - STMicroelectronics HDMI2C2-14HD Datasheet HTML 18Page - STMicroelectronics HDMI2C2-14HD Datasheet HTML 19Page - STMicroelectronics HDMI2C2-14HD Datasheet HTML 20Page - STMicroelectronics HDMI2C2-14HD Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
DocID024813 Rev1
17/31
HDMI2C2-14HD
Electrical characteristics
31
Table 7. DDC bus (SDA and SCL lines) electrical characteristics(1)
Symbol
Parameter
Test conditions
Value
Unit
Min. Typ.
Max.
VTup_BUS
Upward input voltage threshold on bus side
3.5
V
VTdown_BUS Downward input voltage threshold on bus side
1.5
V
VHYST_BUS Input hysteresis on bus side
1.0
1.3
V
VOL_BUS
Output low level
Current sunk by SDA and SCL
pin is 3 mA
0.35
V
TRISE_BUS Output rise-time (30% to 70%)
CBUS = 750 pF
(2)
RUP = 2 KΩ //47 KΩ + 10%
(3)
500
ns
TFALL_BUS Output fall-time (30% to 70%)
50
ns
VTup_IC
Upward input voltage threshold on IC side
55
60
65
%VDD_IC
VTdown_IC
Downward input voltage thresholds IC side
35
40
45
%VDD_IC
VOL_IC
Output low level on IC side
Current sunk by SDA_IC or
SCL_IC pins is 500 µA
20
mV
CIN_DDC
Input capacitance on DDC link
VDD_5V = 0 V
VDD_IC = 0 V
VDD_CEC = 0 V
VBIAS = 0 V, f = 1 MHz
VOSC = 30 mV
917(4)
pF
VEN_DCC
(5)
DCC enabling
4.1
V
1.
Tamb = 25 °C, VDD_5V = 5 V, VDD_IC = 1.8 V, unless otherwise specified
2.
Maximum load capacitance allowed on I2C entire link (cable + connector) is 750 pF in HDMI 1.4 specification.
3.
Two pull-up resistors in parallel (sink 47 k
Ω + source 2 kΩ).
4.
Maximum capacitance allowed at connector output is 50 pF in HDMI 1.4 specification
5.
In order to activate the DCC lines, the level on DCC_EN pin has to reach the
VEN_DCC min value. The inputs and ouputs
of the bidirectional level shifters must be set to a high level after the power-on, and the HPD line has to be activated one
time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com