Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDMI2C2-14HD Datasheet(PDF) 11 Page - STMicroelectronics

Part # HDMI2C2-14HD
Description  ESD protection and signal booster for HDMI??1.4 sink interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HDMI2C2-14HD Datasheet(HTML) 11 Page - STMicroelectronics

Back Button HDMI2C2-14HD Datasheet HTML 7Page - STMicroelectronics HDMI2C2-14HD Datasheet HTML 8Page - STMicroelectronics HDMI2C2-14HD Datasheet HTML 9Page - STMicroelectronics HDMI2C2-14HD Datasheet HTML 10Page - STMicroelectronics HDMI2C2-14HD Datasheet HTML 11Page - STMicroelectronics HDMI2C2-14HD Datasheet HTML 12Page - STMicroelectronics HDMI2C2-14HD Datasheet HTML 13Page - STMicroelectronics HDMI2C2-14HD Datasheet HTML 14Page - STMicroelectronics HDMI2C2-14HD Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
DocID024813 Rev1
11/31
HDMI2C2-14HD
Application information
31
Figure 9. Modification of block diagram
Note:
SCL_IC, SDA_IC, and CEC_IC have to be driven with an ASIC working with open drain
outputs.
Note:
even if not specified by HDMI standard, it is recommended to add pull-up resistance on SDA
line (cable side) to avoid floating line.
Table 1. Block diagrams references
Ref.
Typical values
Comment
R1
27 k
Ω
Pull-up resistance on CEC bus, specified by the HDMI standard
R2, R3
47 k
Ω
Pull-up resistances on DDC bus, specified by the HDMI standard
R4, R5
10 k
Ω
Pull-up resistance on DDC bus, ASIC side, value selected to be
compliant with I2C levels
R6
270 k
Ω to 1 ΜΩ Pull-up resistance on CEC line, ASIC side
D1
BAT54
Small schottky diode blocking backdrive current flowing toward the
VDD_CEC supply
C1, C2, C3
and C5
100 nF
Decoupling capacitance on power supplies
C6
1 µF
ESD protection enhancement capacitance (option)
CEC
driver
SCL_IC
SDA_IC
SDA
SCL
CEC bus
VDD_CEC_IC
VDD_IC
VDD_IC
VDD_CEC
DDC_EN
VDD_IC
VDD_CEC_IC
CEC_IC
5V_IN
HPD
SDA
SCL
CEC
VDD_CEC
Utility
ESD_DISCH
VDD_IC
4 TMDS channels
8 lines
HPD
DDC data
HPD / HEAC
-
Utility / HEAC+
HEAC+
HEAC- /HPD_IC
TMDS
lines IN
TMDS
lines OUT
HEAC+
HEAC -
HDMI2C2
HDMI
ASIC
HDMI
connector
- 14HD
TMDS data 2+
TMDS data 2-
TMDS data 1+
TMDS data 1-
TMDS data 0+
TMDS data 0-
TMDS Clock+
TMDS Clock-
+5V power
C6
C3
R2
R3
C2
R1
D1
C1
C5
R6
R4
R5
DDC clock
GND
EEPROM
(EEDID)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com