Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9658 Datasheet(PDF) 54 Page - STMicroelectronics

Part # L9658
Description  Analog output available for resistance
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9658 Datasheet(HTML) 54 Page - STMicroelectronics

Back Button L9658 Datasheet HTML 50Page - STMicroelectronics L9658 Datasheet HTML 51Page - STMicroelectronics L9658 Datasheet HTML 52Page - STMicroelectronics L9658 Datasheet HTML 53Page - STMicroelectronics L9658 Datasheet HTML 54Page - STMicroelectronics L9658 Datasheet HTML 55Page - STMicroelectronics L9658 Datasheet HTML 56Page - STMicroelectronics L9658 Datasheet HTML 57Page - STMicroelectronics L9658 Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 64 page
background image
Functional description
L9658
54/64
Doc ID 14219 Rev 3
Bits[11:8]
These bits are used configure the output channels for either sensor protocols. In the “B”
protocol mode a parity bit is used to verify communication between the satellite sensors and
the IC.
The L9658 calculates the parity of the incoming massage based on either odd parity or even
parity, which is determined by the setting of bit D12. In case of communication parity
mismatch a communication parity error shall be reported via SPI.
If none of the channels is configured for the “B” protocol a write operation to this bit is
ignored.
Bit [12]
This Bit controls the parity calculation for incoming sensor messages to either even or odd
parity; the selected setting apply to all channels operating in “B” protocol node.
The setting of this bit is ignored by the IC for the channels configured for “A” protocol. the
MCR register have to written at least once in order for the device to be configured correctly,
however it can be superseded with a CCR command.
4.14.14
Channel configuration registers (CCR1, CCR2, CCR3, CCR4)
This register is used to configure individual channels for proper satellite communication as
required by the application please refer to below table 33 for bits definition.
Table 35.
Channel configuration register definition
Bit
State
Description
D13
0
Don’t Flush FIFO (Default)
1
Flush FIFO
D12
0
Write to bits <D9-D0>, D12 and D13 only. All other CCR
D12 bits shall keep previous setting.
1
Write to D4, D5, D10, D11, D12 and D13 only. All other
CCR bits shall keep previous setting.
D11
-
Mode Select (refer to Table 40)
D10
-
D9
-
Bit Time Selection (refer to Table 39)
D8
-
D7
0
"B" Protocols configuration bits (refer to Table 38) Only applies when CHx
is configured to use "B" Only applies when CHx is configured to use "B"
protocol through MCR otherwise treated as DON’TCARE
D6
1
D5
-
Satellite/Decoder Control (refer to Table 37)
D4
-
D3
0
Current Trip Point Hysteresis Disabled (default)
1
Current Trip Point Hysteresis Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com