Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9658 Datasheet(PDF) 60 Page - STMicroelectronics

Part # L9658
Description  Analog output available for resistance
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9658 Datasheet(HTML) 60 Page - STMicroelectronics

Back Button L9658 Datasheet HTML 56Page - STMicroelectronics L9658 Datasheet HTML 57Page - STMicroelectronics L9658 Datasheet HTML 58Page - STMicroelectronics L9658 Datasheet HTML 59Page - STMicroelectronics L9658 Datasheet HTML 60Page - STMicroelectronics L9658 Datasheet HTML 61Page - STMicroelectronics L9658 Datasheet HTML 62Page - STMicroelectronics L9658 Datasheet HTML 63Page - STMicroelectronics L9658 Datasheet HTML 64Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 60 / 64 page
background image
Functional description
L9658
60/64
Doc ID 14219 Rev 3
As mentioned earlier the L9658 supports a "B" Manchester data protocol, the data field for
this protocol can be configured to any number of bits between 8 to 11 bits. Incoming data
from the sensor using a "B" protocol shall be right justified by the IC. For example if the
incoming message has only 8bits in the data filed. The device will transmit this message on
MISO such that it occupies bits <7:0> bits 8,9 and 10 are set to 000.
Unlike DELPHI protocol, LSB will be the first bit on MISO.
Too Many Bits and Too Few Bits faults can be calculated based on the number of bits in the
data field. So if we consider the 8 bit "B" protocol example discussed above a message with
9 bits in the data field should set the too many bits fault flag, on the other hand a message
with 7 bits in the data field should set the too few bits fault flag.
When the L9658 is configured to use a the Manchester "B" protocol, the device set SPI
MOSI D11 to 0 when reporting fault data and to 1 when reporting satellite data. This
operation should allow both sensors "A" based or Generic based to use the same fault
codes.
Table 47.
Satellites fault codes definition supporting “B” protocol
Bit D11:0 value
Fault Definition
Function
$0
No Faults (FIFO empty value)
Global fault codes definition
(Reported back for CH1 only &
latched only once)
$1
Unassigned
$2
Bad MOSI Bit Count
$3 - $F
Unassigned
$10
High Side Current Limit Exceeded
Channel fault codes
$11
Unassigned
$12
SPI Odd Parity Communication error
$13 - $17
Unassigned
$18
Unassigned
$19
Manchester Bit Time Error OR
Too Few Bits
$1A
Too Many Bits
$1B
Reserved
$1C
Satellite Communication Parity error
$800 - $FFF
Manchester sensor’s data range D11 shall be
set to 1 by the IC when receiving sensor data.
When reporting faults D11 shall be set
internally by the IC to 0
Manchester data
Table 48.
Hall effect fault codes definition (CH3 and CH4) only
Bit D11:0 value
Fault definition
Function
$0
No Faults (FIFO empty value)
No Faults
$1 - $F
Unassigned
Fault Codes
$010
High Side Current Limit Exceeded
$12
SPI Odd Parity Communication error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com