Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9658 Datasheet(PDF) 59 Page - STMicroelectronics

Part # L9658
Description  Analog output available for resistance
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9658 Datasheet(HTML) 59 Page - STMicroelectronics

Back Button L9658 Datasheet HTML 55Page - STMicroelectronics L9658 Datasheet HTML 56Page - STMicroelectronics L9658 Datasheet HTML 57Page - STMicroelectronics L9658 Datasheet HTML 58Page - STMicroelectronics L9658 Datasheet HTML 59Page - STMicroelectronics L9658 Datasheet HTML 60Page - STMicroelectronics L9658 Datasheet HTML 61Page - STMicroelectronics L9658 Datasheet HTML 62Page - STMicroelectronics L9658 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 64 page
background image
L9658
Functional description
Doc ID 14219 Rev 3
59/64
Buffer data values from $0 to $1F are reserved and not transmitted by the "A" Manchester
data sensor. All "A" satellite sensors use values between $020 and $FFF, therefore values
falls within this range will be interpreted by system software as satellite only data. If a
satellite data is found to be in the range between $00 to $01F the IC asserts the reserved
message error flag or fault code. In case there is no fault condition present, the device
returns $000.
Data is lost when a data word is written to a full buffer. To alarm the user for this condition
the DL (buffer data lost) flag shall be set.
$10
High side current limit exceeded
Channel fault codes
$11
Unassigned
$12
SPI Odd Parity Communication error
$13 - $17
Unassigned
$18
Reserved message received
$19
Manchester Bit Time Error OR
Too Few Bits
$1A
Too many bits (No Idle Condition after 19th
bit)
$1B
Reserved
$1C
CRC error
$1D - $1F
Unassigned
$020 - $FFF
Manchester sensor’s data range
Manchester data
Table 46.
Satellites fault codes definition supporting “A” protocol
Bit D11:0 value
Fault definition
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com