Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9658 Datasheet(PDF) 57 Page - STMicroelectronics

Part # L9658
Description  Analog output available for resistance
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9658 Datasheet(HTML) 57 Page - STMicroelectronics

Back Button L9658 Datasheet HTML 53Page - STMicroelectronics L9658 Datasheet HTML 54Page - STMicroelectronics L9658 Datasheet HTML 55Page - STMicroelectronics L9658 Datasheet HTML 56Page - STMicroelectronics L9658 Datasheet HTML 57Page - STMicroelectronics L9658 Datasheet HTML 58Page - STMicroelectronics L9658 Datasheet HTML 59Page - STMicroelectronics L9658 Datasheet HTML 60Page - STMicroelectronics L9658 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 64 page
background image
L9658
Functional description
Doc ID 14219 Rev 3
57/64
In the auto reply mode where D11 D10 are set to 00,the IC will test every incoming MOSI
command, If the command is a write command to a CCRx register then during the following
CS_S the device reports back the content of the respective CCRx channel register. If the
incoming command is a write to the MCR register for CH1 then in the following CS_S the
device reports back the content of the MCR register.
If the MOSI command is a write to the CCRx register with bits <11:10> are set to 11 the IC
reports the content of the FIFO. MISO bits layout when reporting FIFO data is provided, The
MISO layout when reporting configuration report is provided in previous figure.
When reporting a configuration report for either the MCR or the CCR register MOSI
bits<15:14> are set to 11 to indicate a configuration report. Otherwise they will report the
status of the satellite channel.
In some cases the user may request a configuration report for either the MCR or CCRx
registers without first performing the write operation mentioned above. In this condition if bits
<11:10> are set to 01 by the user, device reports the content of the MCR register on the
subsequent chip select. If bits <11:10> are set to 10 the IC reports the content of the CCR
register.
In case of an SPI command to CH2, CH3 or CH4 with bits D11D10 are set to 00 while D14
is set to 0, or if D11D10 are set to 01 with D14 is set to either 0 or 1, the affected channel
reports $E000.
Bit[12]
This Bit is used to Control the write operation for the CCR Register. When it is set to 0 the
user can modify bits <D9-D0>, D12 and D13 only, all other CCR bits keep previous setting.
When it is set to 1 the user can only modify the following bits D4, D5, D10, D11, D12 and
D13, all other CCR bits keep previous setting
Bit[13]
This Bit is used to Flush FIFO content, when set to 1 the IC flushes the available two FIFO
locations for the specified channel, all FIFO connect is lost in this case.
Table 41.
SPI mode selects reply for satellite channels
D11
D10
CH1
CH2
CH3
CH4
00
Reply with CCR1
if D14 is 1
Reply with CCR2
if D14 is 1
Reply with CCR3
if D14 is 1
Reply with CCR4
if D14 is 1
Reply with MCR
if D14 is 0
Reply with $E000
if D14 is 0
Reply with $E000
if D14 is 0
Reply with $E000
if D14 is 0
0
1
Reply with MCR
Reply with $E000
Reply with $E000
Reply with $E000
1
0
Reply with CCR1
Reply with CCR2
Reply with CCR3
Reply with CCR4
1
1
Report FIFO
Report FIFO
Report FIFO
Report FIFO
Table 42.
Satellite MISO bits definition
15
14
13
12
11
10
9
87654
3210
M1
M0
P
DL
FIFO Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com