Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSH81ID Datasheet(PDF) 18 Page - STMicroelectronics

Part # TSH81ID
Description  Wide Band, Rail-to-Rail Operational Amplifier with Standby Function
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH81ID Datasheet(HTML) 18 Page - STMicroelectronics

Back Button TSH81ID Datasheet HTML 14Page - STMicroelectronics TSH81ID Datasheet HTML 15Page - STMicroelectronics TSH81ID Datasheet HTML 16Page - STMicroelectronics TSH81ID Datasheet HTML 17Page - STMicroelectronics TSH81ID Datasheet HTML 18Page - STMicroelectronics TSH81ID Datasheet HTML 19Page - STMicroelectronics TSH81ID Datasheet HTML 20Page - STMicroelectronics TSH81ID Datasheet HTML 21Page - STMicroelectronics TSH81ID Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
Precautions on Asymmetrical Supply Operation
TSH80-TSH81-TSH82
18/23
5
Precautions on Asymmetrical Supply Operation
The TSH8X can be used either with a dual or a single supply. If a single supply is used, the
inputs are biased to the mid-supply voltage (+Vcc/2). This bias network must be carefully
designed, in order to reject any noise present on the supply rail.
As the bias current is 15uA, you must carefully choose the resistance R1 not to introduce an
offset mismatch at the amplifier inputs.
R1=10k
Ω will be convenient. C1, C2, C3 are bypass capacitors from perturbation on Vcc as
well as for the input and output signals. We choose C1=100nF and C2=C3=100uF.
R2, R3 are such that the current through them must be superior to 100 times the bias current.
So, we take R2=R3=4.7k
Ω.
Cin, as Cout are chosen to filter the DC signal by the low pass filters (R1,Cin) and (Rout, Cout).
By taking R1=10k
Ω, RL=150Ω, and Cin=2uF, Cout=220uF we provide a cutoff frequency below
10Hz.
Some precautions have to be added, specially for low power supply application.
A feedback capacitance Cf should be added for better stability.
The table summarizes the impact of the capacitance Cf on the phase margin of the circuit.
Figure 33. Use of the TSH8x in gain = -1 configuration
IN
R1
Vcc+
OUT
R2
R3 C1
C3
C2
Cin
Cout
+
-
Cf
R5
R4
RL
IN
R1
Vcc+
OUT
R2
R3
C1
C3
C2
Cin
Cout
+
-
1k
Cf
1k
RL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com