Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSH81ID Datasheet(PDF) 19 Page - STMicroelectronics

Part # TSH81ID
Description  Wide Band, Rail-to-Rail Operational Amplifier with Standby Function
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH81ID Datasheet(HTML) 19 Page - STMicroelectronics

Back Button TSH81ID Datasheet HTML 15Page - STMicroelectronics TSH81ID Datasheet HTML 16Page - STMicroelectronics TSH81ID Datasheet HTML 17Page - STMicroelectronics TSH81ID Datasheet HTML 18Page - STMicroelectronics TSH81ID Datasheet HTML 19Page - STMicroelectronics TSH81ID Datasheet HTML 20Page - STMicroelectronics TSH81ID Datasheet HTML 21Page - STMicroelectronics TSH81ID Datasheet HTML 22Page - STMicroelectronics TSH81ID Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
TSH80-TSH81-TSH82
Precautions on Asymmetrical Supply Operation
19/23
This example shows a possible application of the TSH8X circuit. Here, you can multiplex the
channels for the different standard PAL, NTSC as you filter for the different bands; the video
signal can be filtered with two different cutoff frequencies, corresponding to a PAL encoded
signal (LPF1) or a NTSC signal (LPF2).
You can multiplex input signals, as the outputs are in high impedance state in standby mode.
This enables you, to use a PAL filter as the Standby mode is active and to use the NTSC filter
otherwise.
The video application requires 1Vpeak at input and output.
Calculation of components:
A decoupling capacitor is provided to cutoff the frequencies below 10Hz according I bias.
Hence Ce=10uF, with Rb1=10k
Ω. At the output, Cout=220uF.
The AOP1 is in 6dB configuration for the adaptation bridge. R1=R2=1k
Ω,V1=2Vpk, V2=1Vpk
For the PAL communication, we need a low pass filtering. The load resistance R4 is function of
the output resistance of the filter.V3=V2/A1 where A1 is the attenuation factor of the filter LPF1.
To compensate the filter insertion loss, we add an additional factor to the gain of the 2nd
amplifier AOP2.
For example, for an attenuation of 3dB, we choose R5=300
Ω and R6=1kΩ. We have V4=2Vpk
and Vout=1Vpk.
The calculation of the parameters R7, C7, R8, C8, R9, R10 will be exactly the same
Table 7.
Capacitance Cf on the phase margin of the circuit
Parameter
Cf (pF)
Vcc=±1.5V
Vcc=±2.5V
Vcc=±5V
Unit
Phase Margin
0
28
43
56
deg
f-3dB
40
39.3
38.3
MHz
Phase Margin
5.6
30
43
56
deg
f-3dB
40
39.3
38.3
MHz
Phase Margin
22
37
52
67
deg
f-3dB
37
34
32
MHz
Phase Margin
33
48
65
78
deg
f-3dB
33.7
30.7
27.6
MHz
Figure 34. Example of a video application
IN
Ce
Re
Rb1
Vcc/2
+
-
Vcc/2
+
-
+
-
Standby
Standby
R1
R2
R3
C3
R4
C4
Rb1
R5
R6
R9
R10
Rout
OUT
AOP1
AOP2
AOP3
V1
V2
V3
V4
A1
Vcc/2
Vcc/2
Cf
Cf
Cf
Cout
Vcc/2
RL
R7
C7
R8
C8
LPF2
A2
PAL
NTSC
LPF1
Rb1
Vcc/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com