Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSH81ID Datasheet(PDF) 3 Page - STMicroelectronics

Part # TSH81ID
Description  Wide Band, Rail-to-Rail Operational Amplifier with Standby Function
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH81ID Datasheet(HTML) 3 Page - STMicroelectronics

  TSH81ID Datasheet HTML 1Page - STMicroelectronics TSH81ID Datasheet HTML 2Page - STMicroelectronics TSH81ID Datasheet HTML 3Page - STMicroelectronics TSH81ID Datasheet HTML 4Page - STMicroelectronics TSH81ID Datasheet HTML 5Page - STMicroelectronics TSH81ID Datasheet HTML 6Page - STMicroelectronics TSH81ID Datasheet HTML 7Page - STMicroelectronics TSH81ID Datasheet HTML 8Page - STMicroelectronics TSH81ID Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
TSH80-TSH81-TSH82
Absolute Maximum Ratings
3/23
1
Absolute Maximum Ratings
Table 1.
Key parameters and their absolute maximum ratings
Table 2.
Operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply Voltage (1)
1.
All voltage values, except differential voltage are with respect to network ground terminal
14
V
Vid
Differential Input Voltage (2)
2.
Differential voltages are non-inverting input terminal with respect to the inverting terminal
±2V
Vi
Input Voltage (3)
3.
The magnitude of input and output must never exceed VCC +0.3V
±6V
Toper
Operating Free Air Temperature Range
-40 to +85
°C
Tstg
Storage Temperature
-65 to +150
°C
Tj
Maximum Junction Temperature
150
°C
Rthjc
Thermal resistance junction to case (4)
SOT23-5
SO8
TSSOPO8
4.
Short-circuits can cause excessive heating
80
28
37
°C/W
Rthja
Thermal resistance junction to ambient area
SOT23-5
SO8
TSSOPO8
250
157
130
°C/W
ESD
Human Body Model
2
kV
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
4.5 to 12
V
VIC
Common Mode Input Voltage Range
VCC
- to (V
CC
+ -1.1)
V
Standby
(VCC
-) to (V
CC
+)
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com