Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSH81ID Datasheet(PDF) 6 Page - STMicroelectronics

Part # TSH81ID
Description  Wide Band, Rail-to-Rail Operational Amplifier with Standby Function
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH81ID Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TSH81ID Datasheet HTML 2Page - STMicroelectronics TSH81ID Datasheet HTML 3Page - STMicroelectronics TSH81ID Datasheet HTML 4Page - STMicroelectronics TSH81ID Datasheet HTML 5Page - STMicroelectronics TSH81ID Datasheet HTML 6Page - STMicroelectronics TSH81ID Datasheet HTML 7Page - STMicroelectronics TSH81ID Datasheet HTML 8Page - STMicroelectronics TSH81ID Datasheet HTML 9Page - STMicroelectronics TSH81ID Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Electrical Characteristics
TSH80-TSH81-TSH82
6/23
IM2
Second order inter modulation
product
AVCL=+2, Vout=2Vpp
RL=150Ω to 2.5V
Fin1=180kHz,
Fin2=280kHz
spurious measurement
@100kHz
-76
dBc
IM3
Third order inter modulation
product
AVCL=+2, Vout=2Vpp
RL=150Ω to 2.5V
Fin1=180kHz,
Fin2=280KHz
spurious measurement
@400kHz
-68
dBc
∆G
Differential gain
AVCL=+2, RL=150Ω to
2.5V
F=4.5MHz, Vout=2Vpp
0.5
%
Df
Differential phase
AVCL=+2, RL=150Ω to
2.5V
F=4.5MHz, Vout=2Vpp
0.5
°
Gf
Gain Flatness
F=DC to 6MHz, AVCL=+2
0.2
dB
Vo1/Vo2 Channel Separation
F=1MHz to 10MHz
65
dB
Table 4.
VCC
+ = +5V, V
CC
- = -5V, V
ic = GND, Tamb = 25
°C (unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
|Vio|
Input Offset Voltage
Tamb = 25°C
Tmin. < Tamb < Tmax.
0.8
10
12
mV
∆Vio
Input Offset Voltage Drift vs.
Temperature
Tmin. < Tamb < Tmax.
2
µV/°C
Iio
Input Offset Current
Tamb = 25°C
Tmin. < Tamb < Tmax.
0.1
3.5
5
µA
Iib
Input Bias Current
Tamb = 25°C
Tmin. < Tamb < Tmax.
615
20
µA
Cin
Input Capacitance
0.7
pF
ICC
Supply Current per Operator
Tamb = 25°C
Tmin. < Tamb < Tmax.
9.8
12.3
13.4
mA
CMR
Common Mode Rejection Ratio
(
δVic/δVio)
-4.9 < Vic < 3.9V &
Vout=GND
Tamb = 25°C
Tmin. < Tamb < Tmax.
81
72
106
dB
SVR
Supply Voltage Rejection Ratio
(
δVCC/δVio)
Tamb = 25°C
Tmin. < Tamb < Tmax.
71
65
77
dB
Table 3.
VCC
+ = +5V, V
CC
- = GND, V
ic = 2.5V, Tamb = 25
°C (unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com