Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC8117 Datasheet(PDF) 8 Page - Vitesse Semiconductor Corporation

Part # VSC8117
Description  ATM/SONET/SDH 622/155 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8117 Datasheet(HTML) 8 Page - Vitesse Semiconductor Corporation

Back Button VSC8117 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC8117 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC8117 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC8117 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC8117 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC8117 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC8117 Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC8117 Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC8117 Datasheet HTML 12Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Data Sheet
VSC8117
ATM/SONET/SDH 622/155 Mb/s Transceiver Mux/Demux
with Integrated Clock Generation and Clock Recovery
Page 8
© VITESSE SEMICONDUCTOR CORPORATION
G52221-0, Rev 4.1
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
1/8/00
Clock Recovery
The fully monolithic Clock Recovery Unit (CRU) consists of a Phase Detector, a Frequency Detector, a
Loop Filter and a Voltage Controlled Oscillator (VCO). The phase detector compares the phase information of
the incoming data with the recovered clock. The frequency detector compares the frequency component of the
data input with the recovered clock to provide the pull in energy during lock acquisition. The Loop Filter inte-
grates the phase information from the phase and frequency detectors and provides the control voltage to the
VCO.
Jitter Tolerance
Jitter Tolerance is the ability of the Clock Recovery Unit to track timing variation in the received data
stream. The Bellcore and ITU specifications allow the received optical data to contain jitter. The amount that
must be tolerated is a function of the frequency of the jitter. At high frequencies the specifications do not require
the CRU to tolerate large amounts, whereas at low frequencies many unit intervals (bit times) of jitter have to be
tolerated. The CRU is designed to tolerate this jitter with margin over the specification limits, see Figure 7. The
CRU obtains and maintains lock based on the data transition information. When there is no transition on the
data stream, the recovered clock frequency can drift. The VSC8117 can maintain lock over 100 bits of no
switching on the data stream.
Figure 7: Jitter Tolerance
10
30
300
25K
250K
15
1.5
0.15
JITTER FREQ(HZ)
JITTER(UI P-P)
2.5M
150
60
6
0.5
Bellcore Requirement
VSC8117 Guaranteed
Jitter Tolerance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com