Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC8117 Datasheet(PDF) 21 Page - Vitesse Semiconductor Corporation

Part # VSC8117
Description  ATM/SONET/SDH 622/155 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8117 Datasheet(HTML) 21 Page - Vitesse Semiconductor Corporation

Back Button VSC8117 Datasheet HTML 14Page - Vitesse Semiconductor Corporation VSC8117 Datasheet HTML 15Page - Vitesse Semiconductor Corporation VSC8117 Datasheet HTML 16Page - Vitesse Semiconductor Corporation VSC8117 Datasheet HTML 17Page - Vitesse Semiconductor Corporation VSC8117 Datasheet HTML 18Page - Vitesse Semiconductor Corporation VSC8117 Datasheet HTML 19Page - Vitesse Semiconductor Corporation VSC8117 Datasheet HTML 20Page - Vitesse Semiconductor Corporation VSC8117 Datasheet HTML 21Page - Vitesse Semiconductor Corporation VSC8117 Datasheet HTML 22Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
G52221-0, Rev. 4.1
© VITESSE SEMICONDUCTOR CORPORATION
Page 21
1/8/00
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
VITESSE
SEMICONDUCTOR CORPORATION
Data Sheet
VSC8117
ATM/SONET/SDH 622/155 Mb/s Transceiver Mux/Demux
with Integrated Clock Generation and Clock Recovery
Ground Planes
The ground plane for the components used in the High Speed interface should be continuous and not sec-
tioned in an attempt to provide isolation to various components. Sectioning of the ground planes tends to inter-
fere with the ground return currents on the signal lines. In addition, the smaller the ground planes the less
effective they are in reducing ground bounce noise and the more difficult to decouple. Sectioning of the positive
supplies can provide some isolation benefits.
Figure 12: AC Coupled High Speed I/O
Table 17: AC Coupling Component Values
Component
Value
Tolerance
R1
270 ohms
5%
R2
75 ohms
5%
R3
68 ohms
1%
R4
190 ohms
1%
C1, C2, C3, C4
.01uf High Frequency
PC Board Trace
PC Board Trace
DRIVER
(Optics Module)
RECEIVER
(Optics Module)
VSC8117
PECL I/O
R2
R4
C2
C1
R3
Note: Only one side of a differential signal is shown.
R1
GND
+3.3V
+5.0V
GND
GND
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com