Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC8117 Datasheet(PDF) 13 Page - Vitesse Semiconductor Corporation

Part # VSC8117
Description  ATM/SONET/SDH 622/155 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8117 Datasheet(HTML) 13 Page - Vitesse Semiconductor Corporation

Back Button VSC8117 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC8117 Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC8117 Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC8117 Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC8117 Datasheet HTML 13Page - Vitesse Semiconductor Corporation VSC8117 Datasheet HTML 14Page - Vitesse Semiconductor Corporation VSC8117 Datasheet HTML 15Page - Vitesse Semiconductor Corporation VSC8117 Datasheet HTML 16Page - Vitesse Semiconductor Corporation VSC8117 Datasheet HTML 17Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
G52221-0, Rev. 4.1
© VITESSE SEMICONDUCTOR CORPORATION
Page 13
1/8/00
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
VITESSE
SEMICONDUCTOR CORPORATION
Data Sheet
VSC8117
ATM/SONET/SDH 622/155 Mb/s Transceiver Mux/Demux
with Integrated Clock Generation and Clock Recovery
Power Dissipation
Table 14: Power Supply Currents
∆V
OUT50
Differential
Output Voltage
(PECL)
600
—1300
mV
50
Ω to V
DDP – 2.0 V
VIH
Input HIGH
voltage (PECL)
VDDP – 0.9V
—
VDDP – 0.3V
V
For single ended
VIL
Input LOW
voltage (PECL)
0—
VDDP – 1.72V
V
For single ended
∆V
IN
Differential Input
Voltage (PECL)
400
—
1600
mV
—
VICM
I/P Common
Mode Range
(PECL)
1.5 –
∆V
IN/2
—
VDDP – 1.0 – ∆VIN/2
V
—
VOH
Output HIGH
voltage (TTL)
2.4
——
V
IOH = -1.0 mA
VOL
Output LOW
voltage (TTL)
——
0.5
V
IOL = +1.0 mA
VIH
Input HIGH
voltage (TTL)
2.0
—
5.5
V
—
VIL
Input LOW
voltage (TTL)
0
—0.8
V
—
IIH
Input HIGH
current (TTL)
—50
500
µA
2.0V< VIN < 5.5V,
Typical@2.4V
IIL
Input LOW
current (TTL)
——
-500
µA
-0.5V < VIN < 0.8V
Parameter
Description
(Max)
Units
IDD
Power supply current from VDD
480
mA
PD
Power dissipation (worst case)
1.6
W
Table 13: PECL and TTL Inputs and Outputs
Parameters
Description
Min
Typ
Max
Units
Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com