Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC8117 Datasheet(PDF) 18 Page - Vitesse Semiconductor Corporation

Part # VSC8117
Description  ATM/SONET/SDH 622/155 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8117 Datasheet(HTML) 18 Page - Vitesse Semiconductor Corporation

Back Button VSC8117 Datasheet HTML 14Page - Vitesse Semiconductor Corporation VSC8117 Datasheet HTML 15Page - Vitesse Semiconductor Corporation VSC8117 Datasheet HTML 16Page - Vitesse Semiconductor Corporation VSC8117 Datasheet HTML 17Page - Vitesse Semiconductor Corporation VSC8117 Datasheet HTML 18Page - Vitesse Semiconductor Corporation VSC8117 Datasheet HTML 19Page - Vitesse Semiconductor Corporation VSC8117 Datasheet HTML 20Page - Vitesse Semiconductor Corporation VSC8117 Datasheet HTML 21Page - Vitesse Semiconductor Corporation VSC8117 Datasheet HTML 22Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Data Sheet
VSC8117
ATM/SONET/SDH 622/155 Mb/s Transceiver Mux/Demux
with Integrated Clock Generation and Clock Recovery
Page 18
© VITESSE SEMICONDUCTOR CORPORATION
G52221-0, Rev 4.1
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
1/8/00
Package Thermal Characteristics
The VSC8117 is packaged into a thermally-enhanced plastic quad flatpack (PQFP). This package adheres
to the industry-standard EIAJ footprint for a 10x10mm body but has been enhanced to improve thermal dissipa-
tion with the inclusion of an exposed Copper Heat Spreader. The package construction is as shown in Figure 10.
Figure 11: Package Cross Section
The thermal resistance for the VSC8117 package is improved through low thermal resistance paths from
the die to the exposed surface of the heat spreader and from the die to the lead frame through the heat spreader
overlap of the lead frame.
Table 16: 64-Pin PQFP Thermal Resistance
The VSC8117QB1 is designed to operate at a maximum case temperature of up to 115oC. The user must guar-
antee that the maximum case temperature specification is not violated. Given the thermal resistance of the pack-
age in still air, the user can operate the VSC8117QB1 in still air if the ambient temperature does not exceed
55oC (55oC = 115oC - 1.6W * 37oC/W). If operation above this ambient temperature is required, then an appro-
priate heatsink must be used with the part or adequate airflow must be provided.
Symbol
Description
Value
Units
θ
jc
Thermal resistance from junction to case
2.5
oC/W
θ
ca
Thermal resistance from case to ambient in still air including conduction through
the leads for a non-thermally saturated board.
37
oC/W
θ
ca-100
Thermal resistance from case to ambient in 100 LPFM air
31
oC/W
θ
ca-200
Thermal resistance from case to ambient in 200 LPFM air
28
oC/W
θ
ca-400
Thermal resistance from case to ambient in 400 LPFM air
24
oC/W
θ
ca-600
Thermal resistance from case to ambient in 600 LPFM air
22
oC/W
Lead
Copper Heat Spreader
Die
Plastic Molding Compound
Insulator
Wire Bond



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com