| Electronic Components Datasheet Search |
|
AM79C875 Datasheet(PDF) 29 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM79C875 Datasheet(HTML) 29 Page - Advanced Micro Devices |
|
29 / 48 page ![]() Am79C875 29 Auto-Negotiation Link Partner Ability Register in Base Page Format (Register 5) Table 12. Reg Bit Name Description Read/ Write Default 5 15 Next Page 1 = Next Page Requested by Link Partner. 0 = Next Page Not Requested. RO 0 5 14 Acknowledge 1 = Link Partner Acknowledgement. 0 = No Link Partner Acknowledgement. RO 0 5 13 Remote Fault 1 = Link Partner Remote Fault Request. 0 = No Link Partner Remote Fault Request. RO 0 5 12:11 Reserved Reserved for Future Technology RO 5 10 Flow Control 1 = Link Partner supports Flow Control. 0 = Link Partner does not support Flow Control. RO 0 5 9 100BASE-T4 1 = Remote Partner is 100BASE-T4 Capable. 0 = Remote Partner is not 100BASE-T4 Capable. RO 0 5 8 100BASE-TX Full Duplex 1 = Link Partner is capable of 100BASE-TX with Full Duplex. 0 = Link Partner is Not Capable of 100BASE-TX with Full Duplex RO 0 5 7 100BASE-TX Half Duplex 1 = Link Partner is Capable of 100BASE-TX with Half Duplex. 0 = Link Partner is Not Capable of 100BASE-TX with Half Duplex RO 0 5 6 10BASE-T Full Duplex 1 = Link Partner is capable of 10BASE-T with Full Duplex. 0 = Link Partner is Not Capable of 10BASE-T with Full Duplex RO 0 5 5 10BASE-T Half Duplex 1 = Link Partner is capable of 10BASE-T with Half Duplex. 0 = Link Partner is Not Capable of 10BASE-T with Half Duplex. RO 0 5 4:0 Selector Field Link Partner Selector Field. RO 0 Auto-Negotiation Link Partner Ability Register in Base Page Format (Register 5) Auto-Negotiation Link Partner Ability Register in Next Page Format (Register 5) Table 13. Reg Bit Name Description Read/ Write Default 5 15 Next Page 1 = Next Page Requested by Link Partner. 0 = Next Page Not Requested. RO 0 5 14 Acknowledge 1 = Link Partner Acknowledgement. 0 = No Link Partner Acknowledgement. RO 0 5 13 Message Page 1 = Link Partner message Page Request. 0 = No Link partner Message Page Request. RO 0 5 12 Acknowledge 2 1 = Link Partner can Comply with Next Page Request. 0 = Link Partner cannot Comply with Next Page Request. RO 0 5 11 Toggle Link Partner Toggle. RO 0 5 10:0 Message Field Link Partner’s Message Code. RO 0 Auto-Negotiation LInk Partner Ability Register in Next Page Format (Register 5) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |