Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C875 Datasheet(PDF) 44 Page - Advanced Micro Devices

Part # AM79C875
Description  NetPHY??4LP Low Power Quad 10/100-TX/FX Ethernet Transceiver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C875 Datasheet(HTML) 44 Page - Advanced Micro Devices

Back Button AM79C875 Datasheet HTML 40Page - Advanced Micro Devices AM79C875 Datasheet HTML 41Page - Advanced Micro Devices AM79C875 Datasheet HTML 42Page - Advanced Micro Devices AM79C875 Datasheet HTML 43Page - Advanced Micro Devices AM79C875 Datasheet HTML 44Page - Advanced Micro Devices AM79C875 Datasheet HTML 45Page - Advanced Micro Devices AM79C875 Datasheet HTML 46Page - Advanced Micro Devices AM79C875 Datasheet HTML 47Page - Advanced Micro Devices AM79C875 Datasheet HTML 48Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 44 / 48 page
background image
44
Am79C875
10 Mbps RMII Receive
Symbol
Parameter Description
Min.
Max.
Unit
tRSPC10
CRS_DV[X] HIGH After Start of Packet
200
350
ns
tRCR10
RXD[X]_[1:0], CRS_DV[x] Delay After the Rising Edge of
REFCLK
5
13
ns
tREPC10
End of Packet to CRS_DV[X] LOW
130
190
ns
RX±
REFCLK
RXD[X]_[1:0]
tRSPC10
tRCR10
CRS_DV[X]
22236G-28
Figure 26. 10 Mbps RMII Receive Start of Packet Timing
RX±
RXD[X]_[1:0]
tREPC10
CRS_DV[X]
REFCLK
RCR10
t
RCR10
t
22236G-29
Figure 27. 10 Mbps RMII Receive End of Packet Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com