Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C875 Datasheet(PDF) 46 Page - Advanced Micro Devices

Part # AM79C875
Description  NetPHY??4LP Low Power Quad 10/100-TX/FX Ethernet Transceiver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C875 Datasheet(HTML) 46 Page - Advanced Micro Devices

Back Button AM79C875 Datasheet HTML 40Page - Advanced Micro Devices AM79C875 Datasheet HTML 41Page - Advanced Micro Devices AM79C875 Datasheet HTML 42Page - Advanced Micro Devices AM79C875 Datasheet HTML 43Page - Advanced Micro Devices AM79C875 Datasheet HTML 44Page - Advanced Micro Devices AM79C875 Datasheet HTML 45Page - Advanced Micro Devices AM79C875 Datasheet HTML 46Page - Advanced Micro Devices AM79C875 Datasheet HTML 47Page - Advanced Micro Devices AM79C875 Datasheet HTML 48Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 46 / 48 page
background image
46
Am79C875
ERRATA
NetPHY™ 4LP Revision B.4 is the current production revision silicon with errata – please refer to the descriptions
below.
Revision B.4 Errata Summary
The NetPHY™ 4LP device has a total of 5 errata, all of which are minor and should not cause concern. All informa-
tion below should be used in conjunction with the NetPHY™ 4LP Final Datasheet PID 22236, available on the AMD
web site (www.amd.com).
Errata for NetPHY™ 4LP B.4
The SYMPTOM section gives an external description of the problem. The IMPLICATION section explains how the
device behaves and its impact on the system. The WORKAROUND section describes a workaround for the problem.
The STATUS section indicates when and how the problem will be fixed.
B4.1) 10BASE-T signal acceptance compliance test suite - test #1411.11.03
SYMPTOM:
CRS response to Signal 7a, 7b, 8a, 8b and 10 is unreliable unless the signal is preceded by a
preamble.
IMPLICATION:
These compliance tests reflect boundary conditions unlikely to happen in normal operation.
Some boundary conditions are meant to test the receiver's robustness and if it properly receives
valid data. We have successfully received 10Mbps data for all cable lengths, and we believe
that the chance of failure in the field is extremely low.
WORKAROUND:
There is no external work around.
STATUS:
This errata will not be fixed.
B4.2) 10BASE-T Local Loopback
SYMPTOM:
10BASE-T Local loopback does not work.
IMPLICATION:
This is a minor issue which does not affect normal operation.
WORKAROUND:
Loopback testing must be performed external to the device.
STATUS:
This errata will not be fixed.
B4.3) 10Mb not interrupted by 100Mb data reception
SYMPTOM:
If the PHY is in 10BASE-T and for an unknown reason, 100Mbps data is received, the PHY
should drop 10Mb link and establish 100Mb link.
IMPLICATION:
This is a minor issue which should not affect normal operation. This is UNH test 25.28c, where
it is stated that the standard does not allow for this behavior and that no harm to the network is
anticipated. Additionally, it is not uncommon to find this issue with many PHYs today.
WORKAROUND:
There is no external workaround.
STATUS:
This errata will not be fixed.
B4.4) Delayed idle following abnormal packet transmission
SYMPTOM:
If a packet does not end in a /T/R/, the RX_ER signal does not go true immediately after, and
is delayed 1 to 2 clock cycles. The receiver will then enter the idle state.
IMPLICATION:
This is a minor issue. If the packet does not terminate properly, RX_ER is delayed 1-2 clock
cycles. The issue is believed to be minor since the likelihood of encountering improperly termi-
nated data packets is small. However, it will affect the recording of errors by the system. (UNH
1.24)
WORKAROUND:
There is no external workaround.
STATUS:
This errata will not be fixed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com