Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C875 Datasheet(PDF) 40 Page - Advanced Micro Devices

Part # AM79C875
Description  NetPHY??4LP Low Power Quad 10/100-TX/FX Ethernet Transceiver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C875 Datasheet(HTML) 40 Page - Advanced Micro Devices

Back Button AM79C875 Datasheet HTML 36Page - Advanced Micro Devices AM79C875 Datasheet HTML 37Page - Advanced Micro Devices AM79C875 Datasheet HTML 38Page - Advanced Micro Devices AM79C875 Datasheet HTML 39Page - Advanced Micro Devices AM79C875 Datasheet HTML 40Page - Advanced Micro Devices AM79C875 Datasheet HTML 41Page - Advanced Micro Devices AM79C875 Datasheet HTML 42Page - Advanced Micro Devices AM79C875 Datasheet HTML 43Page - Advanced Micro Devices AM79C875 Datasheet HTML 44Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 48 page
background image
40
Am79C875
MII Management Signals
Symbol
Parameter Description
Min.
Max.
Unit
tMDPER
MDC Period
40
ns
tMDWH
MDC Pulse Width HIGH
16
ns
tMDWL
MDC Pulse Width LOW
16
ns
tMDPD
MDIO Delay From Rising Edge of MDC
-
20
ns
tMDS
MDIO Setup Time to Rising Edge of MDC
4
ns
tMDH
MDIO Hold Time From Rising Edge of MDC
3
ns
MDC
tMDWH
tMDWL
tMDPER
MDIO
tMDPD
mdio_tx.vsd
22236G-20
Figure 18. Management Bus Transmit Timing
MDC
MDIO
tMDS
tMDH
22236G-21
Figure 19. Management Bus Receive Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com